Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

357A Datasheet(PDF) 4 Page - Emcore Corporation

Part # 357A
Description  35XX Series, 280 關s Max Fiber Optic Delay Lines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

357A Datasheet(HTML) 4 Page - Emcore Corporation

  357A Datasheet HTML 1Page - Emcore Corporation 357A Datasheet HTML 2Page - Emcore Corporation 357A Datasheet HTML 3Page - Emcore Corporation 357A Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2013
© 2013 EMCORE Corporation
| REV 2013.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
357A Outline Drawing
Ordering Information
Description
355A-XXXX
356A-XXXX
356B-XXXX /XXXX
357A-XXXX
357B-XXXX / XXXX
357C-XXXX /
XXXX / XXXX
357D-XXXX /
XXXX / XXXX /
XXXX
357E-XXXX /
XXXX / XXXX /
XXXX / XXXX
Delay Spool 1 ns - 110
μs
X
-
-
X
-
-
-
-
Delay Spool 1 ns - 16
μs
-
X
-
-
-
-
-
-
Dual Delay Spool 1 nS - 8.0
μs
-
-
X
-
-
-
-
-
Delay Spool 240
μs
-
-
-
X
X
X
X
X
Delay Spool >15
μs - 280 μs
-
-
-
X
-
-
-
-
Model Number: 35XX-XXXX-XXX
35XX: Package Style 355A, 356A, 356B or 357A
-XXXX: Delay time in microseconds (X) 100 (X) 10 (X) 1 (X) 0.1
Example: 85.4 microseconds = 0854
-XXX: Connector Option -020 or -022
35XX Series, 280 μs Max
Fiber Optic Delay Lines


Similar Part No. - 357A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
   5x7mm Low Cost Surface Mount VCXO
logo
3M Electronics
357 3M-357 Datasheet
902Kb / 3P
   3M??Power Clamp Branch Connector
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
126Kb / 3P
   7/8" diameter single turn
Revision: 17-Apr-13
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
   Silver Oxide Batteries
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
More results

Similar Description - 357A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
5021D-A13 EMCORE-5021D-A13 Datasheet
827Kb / 4P
   5021D-A13 3 GHz, 35 關s Max External Fiber Delay Line System
5021D-B15 EMCORE-5021D-B15 Datasheet
823Kb / 4P
   5021D-B15 7 GHz, 65 關s Max External Fiber Delay Line System
5021D-C15 EMCORE-5021D-C15 Datasheet
821Kb / 4P
   5021D-C15 13 GHz, 65 關s Max External Fiber Delay Line System
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
   Coils/Delay Lines
logo
Faraday Technology
TCD050B01 FARADAY-TCD050B01 Datasheet
54Kb / 2P
   TCD DELAY LINES
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
   HDTV DELAY LINES
logo
List of Unclassifed Man...
A0805 ETC-A0805 Datasheet
84Kb / 1P
   ACTIVE (DIGITAL) DELAY LINES
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com