Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3036CI1B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CI1B
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CI1B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CI1B Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036CI1B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 49
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Analog-to-Digital Converter (ADC, A2D)
Resolution
rADC
10
16
Bit
ADC Clock Frequency
fADC
Internal ADC clock
1.8
2
2.2
MHz
Reference Voltage n
Vrefn
VDDB
* 0.03
Reference Voltage p
Vrefp
VDDB
* 0.97
Offset
A2D_Offset
8-step programmable offset
1/16
8/16
Integral Nonlinearity (INL)
INLADC
Based on ideal slope
-4
-
+4
LSB
Differential Nonlinearity
DNLADC
Tested / verified within design
-1
-
+1
LSB
Conversion Rate, 16-Bit
Single
fS,raw
Conversions per second for single
16-bit A2D conversion
20
-
1350
Hz
Amplifier
Gain
Gamp
32 steps
13.2
72
Gain Error
Gerr
Referenced to nominal gain
-1.5
-
1.5
%
Sensor Signal Conditioning Performance
IC Accuracy Error
1)
ErrA,IC
Accuracy error for ideally linear (in
temperature and measurand)
sensor
0.01
%FSO
Conversion Rate, 16-Bit SSC
fS, SSC
Conversion per second for fully
corrected 16-bit measurement
5
325
Hz
Input
Input Voltage Range
VINP, VINN
Input voltage range at INP and INN
0.65
1.05
V
Bridge Resistance
RBR
Full power supply disturbance
rejection (PSRR) capabilities
1
10
50
k
Ω
Reduced PSRR, but full
functionality
100
999
Ω
Power-Up
Start-up Time
tSTA1
VDD ramp up to interface
communication (see section 3.1)
1
ms
tSTA2
VDD ramp up to analog operation
2.5
ms
Wake-up Time
tWUP1
Sleep to Active State interface
communication
0.5
ms
tWUP2
Sleep to Active State analog
operation
2
ms
Oscillator
Internal Oscillator Frequency
fCLK
3.6
4
4.4
MHz


Similar Part No. - ZSSC3036CI1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3036CI1B IDT-ZSSC3036CI1B Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1B RENESAS-ZSSC3036CI1B Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3036CI1BH IDT-ZSSC3036CI1BH Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1BH RENESAS-ZSSC3036CI1BH Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3036CI1B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com