Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1H102AM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFK1H102AM
Description  Aluminum Electrolytic Capacitors/Medium-size FK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1H102AM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFK1H102AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1H102AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/Medium-size FK
– EEE-40 –
High temperature Lead-Free reflow
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
3300
12.5
13.5
H131100
0.06
0.30
EEEFK0J332AQ
(9)
200
6800
16
16.5
J16
1800
0.035
0.36
EEEFK0J682AM
(9)
125
10
2200
12.5
13.5
H131100
0.06
0.21
EEEFK1A222AQ
(9)
200
4700
16
16.5
J16
1800
0.035
0.25
EEEFK1A472AM
(9)
125
6800
18
16.5
K16
2060
0.033
0.29
EEEFK1A682AM
(9)
125
16
1500
12.5
13.5
H131100
0.06
0.16
EEEFK1C152AQ
(9)
200
3300
16
16.5
J16
1800
0.035
0.20
EEEFK1C332AM
(9)
125
4700
18
16.5
K16
2060
0.033
0.22
EEEFK1C472AM
(9)
125
25
1000
12.5
13.5
H13
1100
0.06
0.14
EEEFK1E102AQ
(9)
200
1500
16
16.5
J16
1800
0.035
0.16
EEEFK1E152AM
(9)
125
2200
16
16.5
J16
1800
0.035
0.16
EEEFK1E222AM
(9)
125
3300
18
16.5
K16
2060
0.033
0.18
EEEFK1E332AM
(9)
125
35
470
12.5
13.5
H13
1100
0.06
0.12
EEEFK1V471AQ
(9)
200
680
12.5
13.5
H13
1100
0.06
0.12
EEEFK1V681AQ
(9)
200
1000
16
16.5
J16
1800
0.035
0.12
EEEFK1V102AM
(9)
125
1500
16
16.5
J16
1800
0.035
0.12
EEEFK1V152AM
(9)
125
50
330
12.5
13.5
H13
900
0.120.12
EEEFK1H331AQ
(10)
200
390
12.5
13.5
H13
900
0.120.12
EEEFK1H391AQ
(10)
200
470
16
16.5
J16
1610
0.073
0.12
EEEFK1H471AM
(10)
125
560
16
16.5
J16
1610
0.073
0.12
EEEFK1H561AM
(10)
125
680
16
16.5
J16
1610
0.073
0.12
EEEFK1H681AM
(10)
125
1000
16
16.5
J16
1610
0.073
0.12
EEEFK1H102AM
(10)
125
63
150
12.5
13.5
H13
800
0.160.10
EEEFK1J151AQ
(10)
200
220
12.5
13.5
H13
800
0.160.10
EEEFK1J221AQ
(10)
200
470
16
16.5
J16
1410
0.082
0.10
EEEFK1J471AM
(10)
125
680
18
16.5
K16
1690
0.08
0.10
EEEFK1J681AM
(10)
125
80
68
12.5
13.5
H13500
0.32
0.08
EEEFK1K680AQ
(11)
200
100
12.5
13.5
H13
500
0.32
0.08
EEEFK1K101AQ
(11)
200
150
12.5
13.5
H13
500
0.32
0.08
EEEFK1K151AQ
(11)
200
330
16
16.5
J16
793
0.17
0.08
EEEFK1K331AM
(11)
125
470
18
16.5
K16
917
0.153
0.08
EEEFK1K471AM
(11)
125
100
47
12.5
13.5
H13500
0.32
0.07
EEEFK2A470AQ
(11)
200
68
12.5
13.5
H13500
0.32
0.07
EEEFK2A680AQ
(11)
200
100
16
16.5
J16
793
0.17
0.07
EEEFK2A101AM
(11)
125
150
16
16.5
J16
793
0.17
0.07
EEEFK2A151AM
(11)
125
220
18
16.5
K16
917
0.153
0.07
EEEFK2A221AM
(11)
125
330
18
16.5
K16
917
0.153
0.07
EEEFK2A331AM
(11)
125
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “Q or M”
Endurance : 105 °C 5000 h
00 Nov. 2012


Similar Part No. - EEEFK1H102AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1H102AM PANASONIC-EEEFK1H102AM Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1H102AM PANASONIC-EEEFK1H102AM Datasheet
247Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1H102AM PANASONIC-EEEFK1H102AM Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1H102AM PANASONIC-EEEFK1H102AM Datasheet
260Kb / 5P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1H102AM PANASONIC-EEEFK1H102AM Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
More results

Similar Description - EEEFK1H102AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1V471AQ PANASONIC-EEE-FK1V471AQ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H221P PANASONIC-EEE-FK1H221P Datasheet
260Kb / 5P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H102AM PANASONIC-EEE-FK1H102AM Datasheet
247Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H331AQ PANASONIC-EEE-FK1H331AQ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1E220R PANASONIC-EEE-FK1E220R Datasheet
260Kb / 5P
   Aluminum Electrolytic Capacitors/Medium-size FK
ABA0000CE88 PANASONIC-ABA0000CE88 Datasheet
254Kb / 4P
   Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com