Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1CA471AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEE1CA471AP
Description  Aluminum Electrolytic Capacitors/ S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1CA471AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEE1CA471AP Datasheet HTML 1Page - Panasonic Semiconductor EEE1CA471AP Datasheet HTML 2Page - Panasonic Semiconductor EEE1CA471AP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-7 –
High tempature Lead-Free reflow Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
6.3
22
4
5.4
B
29
0.30
2000
EEE0JA220AR
(5)
2000
33
4
5.4
(B)
22
0.35
1000
EEE0JA330WAR
(5)
2000
47
5
5.4
C
46
0.30
2000
EEE0JA470AR
(5)
1000
100
55.4
(C)
47
0.40
1000
EEE0JA101WAR
(5)
1000
6.3
5.4
D
71
0.30
2000
EEE0JA101AP
(5)
1000
330
6.3
7.7
D8
188
0.30
2000
EEE0JA331XAP
(5)
900
86.2
E
300
0.35
2000
EEE0JA331AP
(7)
1000
470
8
10.2
(F)
380
0.35
1000
EEE0JA471UAP
(7)
500
1000
10
10.2
G
700
0.35
2000
EEE0JA102AP
(7)
500
1500
10
10.2
(G)
750
0.50
1000
EEE0JA152UAP
(7)
500
10
22
4
5.4
(B)
28
0.30
1000
EEE1AA220WAR
(5)
2000
33
45.4
(B)
29
0.30
1000
EEE1AA330WAR
(5)
2000
55.4
C
43
0.22
2000
EEE1AA330AR
(5)
1000
47
5
5.4
(C)
47
0.30
1000
EEE1AA470WAR
(5)
1000
100
55.4
(C)
50
0.30
1000
EEE1AA101WAR
(5)
1000
6.3
5.4
D
70
0.26
2000
EEE1AA101AP
(5)
1000
220
6.3
7.7
D8
173
0.22
2000
EEE1AA221XAP
(5)
900
86.2
E
250
0.26
2000
EEE1AA221AP
(7)
1000
330
8
10.2
F
390
0.26
2000
EEE1AA331AP
(7)
500
470
810.2
(F)
390
0.26
1000
EEE1AA471UAP
(7)
500
10
10.2
G
400
0.26
2000
EEE1AA471AP
(7)
500
1000
10
10.2
(G)
580
0.35
1000
EEE1AA102UAP
(7)
500
16
10
4
5.4
B
28
0.16
2000
EEE1CA100AR
(5)
2000
22
45.4
(B)
28
0.26
1000
EEE1CA220WAR
(5)
2000
55.4
C
39
0.16
2000
EEE1CA220AR
(5)
1000
33
5
5.4
(C)
35
0.26
1000
EEE1CA330WAR
(5)
1000
47
55.4
(C)
39
0.26
1000
EEE1CA470WAR
(5)
1000
6.3
5.4
D
70
0.16
2000
EEE1CA470AP
(5)
1000
100
6.3
5.4
(D)
70
0.26
1000
EEE1CA101WAP
(5)
1000
86.2
E
200
0.20
2000
EEE1CA101AP
(7)
1000
220
6.3
7.7
D8
162
0.20
2000
EEE1CA221XAP
(5)
900
810.2
(F)
280
0.20
1000
EEE1CA221UAP
(7)
500
330
810.2
(F)
320
0.20
1000
EEE1CA331UAP
(7)
500
10
10.2
G
380
0.20
2000
EEE1CA331AP
(7)
500
470
810.2
(F)
350
0.26
1000
EEE1CA471UAP
(7)
500
10
10.2
G
420
0.20
2000
EEE1CA471AP
(7)
500
25
4.7
4
5.4
B
22
0.14
2000
EEE1EA4R7AR
(5)
2000
10
45.4
(B)
22
0.20
1000
EEE1EA100WAR
(5)
2000
55.4
C
28
0.14
2000
EEE1EA100AR
(5)
1000
22
55.4
(C)
35
0.20
1000
EEE1EA220WAR
(5)
1000
6.3
5.4
D
55
0.14
2000
EEE1EA220AP
(5)
1000
33
55.4
(C)
42
0.20
1000
EEE1EA330WAR
(5)
1000
6.3
5.4
D
65
0.14
2000
EEE1EA330AP
(5)
1000
47
6.3
5.4
(D)
700.20
1000
EEE1EA470WAP
(5)
1000
100
86.2
(E)
91
0.16
1000
EEE1EA101UAP
(7)
1000
6.3
7.7
D8
143
0.16
2000
EEE1EA101XAP
(5)
900
810.2
F
180
0.16
2000
EEE1EA101AP
(7)
500
220
810.2
(F)
230
0.20
1000
EEE1EA221UAP
(7)
500
10
10.2
G
310
0.16
2000
EEE1EA221AP
(7)
500
330
810.2
(F)
270
0.20
1000
EEE1EA331UAP
(7)
500
10
10.2
G
340
0.16
2000
EEE1EA331AP
(7)
500
470
10
10.2
(G)
3800.25
1000
EEE1EA471UAP
(7)
500
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
00 Nov. 2012


Similar Part No. - EEE1CA471AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1CA471AP PANASONIC-EEE1CA471AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1CA471AP PANASONIC-EEE1CA471AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1CA471AP PANASONIC-EEE1CA471AP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors S
EEE1CA471AP PANASONIC-EEE1CA471AP Datasheet
80Kb / 3P
   Surface Mount Type
EEE1CA471AP PANASONIC-EEE1CA471AP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1CA471AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA100WAR PANASONIC-EEE-1HA100WAR Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com