Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4661BRZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4661BRZ-REEL7
Description  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661BRZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4661BRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 11Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADN4661
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
The ADN4661 is a single line driver for low voltage differential
signaling. It takes a single-ended 3 V logic signal and converts
it to a differential current output. The data can then be trans-
mitted for considerable distances, over media such as a twisted-
pair cable or PCB backplane, to an LVDS receiver, where it
develops a voltage across a terminating resistor, RT. This resistor
is chosen to match the characteristic impedance of the medium,
typically around 100 Ω. The differential voltage is detected by
the receiver and converted back into a single-ended logic signal.
When DIN is high (Logic 1), current flows out of the DOUT+ pin
(current source) through RT and back to the DOUT− pin (current
sink). At the receiver, this current develops a positive differential
voltage across RT (with respect to the inverting input) and results
in a Logic 1 at the receiver output. When DIN is low (Logic 0),
DOUT+ sinks current and DOUT− sources current. A negative differen-
tial voltage across RT results in a Logic 0 at the receiver output.
The output drive current is between ±2.5 mA and ±4.5 mA
(typically ±3.55 mA), developing between ±250 mV and ±450 mV
across a 100 Ω termination resistor. The received voltage is centered
around the receiver offset of 1.2 V. Therefore, the noninverting
receiver input for Logic 1 is typically (1.2 V + [355 mV/2]) =
1.377 V, and the inverting receiver input is (1.2 V − [355 mV/2])
= 1.023 V. For Logic 0, the inverting and noninverting output
voltages are reversed. Note that because the differential voltage
reverses polarity, the peak-to-peak voltage swing across RT is
twice the differential voltage.
Current-mode drivers offer considerable advantages over
voltage mode drivers such as RS-422 drivers. The operating
current remains fairly constant with increased switching
frequency, whereas the current of voltage mode drivers
increases exponentially in most cases. This is caused by the
overlap as internal gates switch between high and low, which
causes currents to flow from the device power supply to ground.
A current-mode device simply reverses a constant current
between its two outputs, with no significant overlap currents.
This is similar to emitter-coupled logic (ECL) and positive
emitter-coupled logic (PECL), but without the high quiescent
current of ECL and PECL.
APPLICATIONS INFORMATION
Figure 21 shows a typical application for point-to-point data
transmission using the ADN4661 as the driver and the LVDS
receiver.
ADN4661
LVDS RECEIVER
0.1µF
VCC
+3.3V
10µF
TANTALUM
+
0.1µF
VCC
+3.3V
DOUT
DIN
DOUT+
DOUT–
DIN+
DIN–
10µF
TANTALUM
+
RT 100Ω
GND
GND
Figure 21. Typical Application Circuit


Similar Part No. - ADN4661BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL71 AD-ADN4661BRZ-REEL71 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4661BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com