Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87024-630LF Datasheet(PDF) 6 Page - FCI connector

Part # 87024-630LF
Description  Ribcage??II Printed Wiring Board Connector System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

87024-630LF Datasheet(HTML) 6 Page - FCI connector

Back Button 87024-630LF Datasheet HTML 2Page - FCI connector 87024-630LF Datasheet HTML 3Page - FCI connector 87024-630LF Datasheet HTML 4Page - FCI connector 87024-630LF Datasheet HTML 5Page - FCI connector 87024-630LF Datasheet HTML 6Page - FCI connector 87024-630LF Datasheet HTML 7Page - FCI connector 87024-630LF Datasheet HTML 8Page - FCI connector 87024-630LF Datasheet HTML 9Page - FCI connector 87024-630LF Datasheet HTML 10Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NUMBER
BUS-12-087
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
6 of 21
M
AUTHORIZED BY
DATE
Ribcage™ II Printed Wiring Board Connector System
C. Martinez
27 Feb 07
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
TABLE I - CONTACT RESISTANCE
Maximum Resistance - Milliohms
Maximum Resistance
Milliohms
Initial
After Test
20
25
3.5.2 Low Level Circuit Resistance - The low level circuit
resistance shall not exceed the value specified in Table I when measured using a
Keithley Model 580 (or similar instrument) in the pulse mode and dry circuit conditions.
The following details shall apply:
(a)
Method of connection: see Figure 3.
(b)
Test current: 100 milliamperes maximum pulsed current.
(c)
Maximum open circuit voltage: 20 millivolts.
3.5.3 Insulation Resistance - The insulation resistance of
Mated/Unterminated connectors shall be not less than 50,000 megaohms (5,000
megaohms after exposure of the humidity environment described in paragraph 3.7.1)
when measured in accordance with MIL-STD-202, Method 302. The following details
shall apply:
(a)
Test condition: B (500 volts DC)
(b)
Special preparation: The connector shall not be terminated because of the type
of printed wiring board and the geometry of its land area will affect this
parameter.
(c)
Points of measurement: Between adjacent and opposing contact positions for
20 percent of connector population.
PDM: Rev:M
Released
.
STATUS:
Printed: Mar 12, 2008


Similar Part No. - 87024-630LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
87024-630 FCI-CONNECTOR-87024-630 Datasheet
271Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
87024-630TRLF FCI-CONNECTOR-87024-630TRLF Datasheet
280Kb / 3P
   .050cc VERT. SMT. W/LOC. and POL. FEATURE
More results

Similar Description - 87024-630LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
logo
Panasonic Semiconductor
NEAMC5 PANASONIC-NEAMC5 Datasheet
66Kb / 1P
   Printed Wiring Board
Feb. 2006
logo
Tyco Electronics
6061002-1 MACOM-6061002-1 Datasheet
110Kb / 1P
   MCX PRINTED WIRING BOARD JACK RECEPTACLE STRAIGHT TERMINAL
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
List of Unclassifed Man...
EC204B020A ETC1-EC204B020A Datasheet
291Kb / 4P
   Molded Printed Wiring Rotary Switches
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com