Electronic Components Datasheet Search |
|
ECWU1C154JC9 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECWU1C154JC9 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 2 page Panasonic Plastic Film Capacitors Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. ■Rating, Dimensions & Quantity/Reel Cap. (µF) 0.001 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 For this rating use type ECHU(B) ECWU1C123JB5 3.2 1.6 1.0 H2 ECWU1C153JB5 3.2 1.6 1.0 H2 ECWU1C183JB5 3.2 1.6 1.0 H2 ECWU1C223JB5 3.2 1.6 1.0 H2 ECWU1C273JB5 3.2 1.6 1.0 H2 ECWU1C333JB5 3.2 1.6 1.4 H3 ECWU1C393JB5 3.2 1.6 1.4 H3 ECWU1C473JB5 3.2 1.6 1.4 H3 ECWU1C563JB5 3.2 2.5 1.4 G2 ECWU1C683JB5 3.2 2.5 1.4 G2 ECWU1C823JB5 3.2 2.5 2.0 G3 ECWU1C104JB5 3.2 2.5 2.0 G3 ECWU1C124JC9 4.8 3.3 1.4 E1 ECWU1C154JC9 4.8 3.3 2.0 E2 ECWU1C184JC9 4.8 3.3 2.0 E2 ECWU1C224JC9 4.8 3.3 2.4 E3a ECWU1C274JC9 6.0 4.1 1.8 D1 ECWU1C334JC9 6.0 4.1 2.0 D2 ECWU1C394JC9 6.0 4.1 2.4 D3 ECWU1C474JC9 6.0 4.1 2.8 D4 3000 2000 3000 2000 3000 2000 For this rating use type ECHU(B) ECWU1H332JB5 3.2 1.6 0.8 H1 ECWU1H392JB5 3.2 1.6 0.8 H1 ECWU1H472JB5 3.2 1.6 0.8 H1 ECWU1H562JB5 3.2 1.6 0.8 H1 ECWU1H682JB5 3.2 1.6 0.8 H1 ECWU1H822JB5 3.2 1.6 1.0 H2 ECWU1H103JB5 3.2 1.6 1.0 H2 ECWU1H123JB5 3.2 2.5 1.0 G1 ECWU1H153JB5 3.2 2.5 1.0 G1 ECWU1H183JB5 3.2 2.5 1.4 G2 ECWU1H223JB5 3.2 2.5 1.4 G2 ECWU1H273JB5 3.2 2.5 1.4 G2 ECWU1H333JB5 3.2 2.5 2.0 G3 ECWU1H393JB5 3.2 2.5 2.0 G3 ECWU1H473JB5 3.2 2.5 2.0 G3 ECWU1H563JC9 4.8 3.3 2.0 E2 ECWU1H683JC9 4.8 3.3 2.0 E2 ECWU1H823JC9 4.8 3.3 2.4 E3a ECWU1H104JC9 4.8 3.3 2.4 E3a ECWU1H124JC9 6.0 4.1 1.8 D1 ECWU1H154JC9 6.0 4.1 2.0 D2 ECWU1H184JC9 6.0 4.1 2.4 D3 ECWU1H224JC9 6.0 4.1 2.8 D4 3000 2000 3000 2000 3000 2000 ECWU1102JB5 3.2 1.6 1.0 H2 ECWU1122JB5 3.2 1.6 1.0 H2 ECWU1152JB5 3.2 1.6 1.0 H2 ECWU1182JB5 3.2 1.6 1.0 H2 ECWU1222JB5 3.2 1.6 1.0 H2 ECWU1272JB5 3.2 1.6 1.0 H2 ECWU1332JB5 3.2 1.6 1.4 H3 ECWU1392JB5 3.2 1.6 1.4 H3 ECWU1472JB5 3.2 1.6 1.4 H3 ECWU1562JB5 3.2 2.5 1.4 G2 ECWU1682JB5 3.2 2.5 1.4 G2 ECWU1822JB5 3.2 2.5 2.0 G3 ECWU1103JB5 3.2 2.5 2.0 G3 ECWU1123JC9 4.8 3.3 1.4 E1 ECWU1153JC9 4.8 3.3 1.4 E1 ECWU1183JC9 4.8 3.3 1.4 E1 ECWU1223JC9 4.8 3.3 1.4 E1 ECWU1273JC9 4.8 3.3 1.4 E1 ECWU1333JC9 4.8 3.3 1.4 E1 ECWU1393JC9 4.8 3.3 2.0 E2 ECWU1473JC9 4.8 3.3 2.0 E2 3000 2000 3000 Rated volt. 16VDC Part No. Dimensions (mm) LW H Code Q'ty Part No. Dimensions (mm) LW H Code Q'ty Part No. Dimensions (mm) LW H Code Q'ty Rated volt. 50VDC Rated volt. 100VDC ■Example for Land Dimensions (mm) Land Electrode C A B H1 2.2 3.8 1.4 H2 2.2 3.8 1.4 H3 2.2 3.8 1.4 G1 2.2 3.8 2.3 G2 2.2 3.8 2.3 G3 2.2 3.8 2.3 E1 2.6 6.6 3.0 E2 2.6 6.6 3.0 E3a 2.6 6.6 3.0 E3 2.6 6.6 3.0 D1 3.8 7.8 3.8 D2 3.8 7.8 3.8 D3 3.8 7.8 3.8 D4 3.8 7.8 3.8 Land dimensions Reflow soldering AB C ■Taping Specification for Automatic Insertion(Mounting) Refer to the PDF file of taping specifications Code |
Similar Part No. - ECWU1C154JC9 |
|
Similar Description - ECWU1C154JC9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |