Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWTC-S0157 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DWTC-S0157
Description  Dual Windows, Single Mode Windband Tree/star Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DWTC-S0157 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DWTC-S0157 Datasheet HTML 1Page - OPLINK Communications Inc. DWTC-S0157 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
DWTC Series (NxM)
Nx4
Nx5
Nx6
Nx8
Nx16
Nx32
Nx40
Unit
Standard Configuration
N=1,2,4
N=1
N=1,2
N=1,2,8
N=1,2,16
N=1,2
N=1,2
Grade
P/A
P/A
P/A
P/A
P/A
P/A
P/A
Operating Wavelength Range
1270~1350 / 1510~1590
nm
Insertion Loss (Max)
7.2/7.6
8.5/9.0
9.2/9.6
10.8/11.0
14.4/14.7
18.0/18.4
19.5/20.0
dB
Uniformity (Max)
1.2/1.5
1.4/1.8
1.6/2.0
1.8/2.2
2.4/2.8
3.0/3.5
3.5/4.0
dB
Polarization Dependent Loss
<0.3
<0.3
<0.4
<0.5
<0.5
<0.6
<0.6
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimension [2]
Refer packaging choices table
mm
P1 : 100.0 (L) x 80.0 (w) x 7.0(H)
P3 : 160.0 (L) x 110.0 (w) x 11.0 (H)
P2 : 130.0 (L) x 90.0 (w) x 9.0 (H)
P4 : 210.0 (L) x 160.0 (w) x 13.0 (H)
Applications
Performance Specificationns
Packaging Choices Table
SWTC (NxM)
Nx4
Nx5
Nx6
1x8
2x8
8x8
1x16
2x16
16x16
1x32
2x32
1x40
2x40
Packaging
Choices
P1
P1
P1, P2
P1, P2
P1, P2
P2
P3
P3
P4
P4
P4
P4
P4
[1] The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified, does not include contribution from connectors.
[2] The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
S0157. R3. 20121210
Dual Windows, Single Mode
Windband Tree/star Coupler (nxm)
DWTC Series
Oplink’s Dual window, single mode wideband tree and star couplers
are high port count bi-directional products with excellent perfor-
mance over two wide wavelength bands.They have very good unifor-
mity, low excess loss and very low polarization sensitivity.All devices
are tested according to industry standard test procedures and are
supplied with all pertinent measurement data.
Oplink can provide customized designs to meet specialized feature
applications. Also, Oplink offers modular assemblies that integrate
other components to form a full functionmodule or subsystem.
Best Uniformity
Ultra Low Insertion Loss
High Directivity
HIghly Stable & Reliable
Telecommunications
CATV Fiberoptic Links
Fiber Amplifier System
Fiberoptic Instruments


Similar Part No. - DWTC-S0157

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
DWT-A01 OMRON-DWT-A01 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
DOMINANT Semiconductors
DWT-CJS-S1 DOMINANT-DWT-CJS-S1 Datasheet
896Kb / 15P
   Power LED
DWT-CJS-S2 DOMINANT-DWT-CJS-S2 Datasheet
896Kb / 15P
   Power LED
DWT-CJS-ST2-1 DOMINANT-DWT-CJS-ST2-1 Datasheet
896Kb / 15P
   Power LED
More results

Similar Description - DWTC-S0157

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWTC OPLINK-SWTC Datasheet
354Kb / 2P
   Windband Tree/star Coupler
SWTC-S0171 OPLINK-SWTC-S0171 Datasheet
354Kb / 2P
   Single Window, Single Mode Windband Tree/star Coupler
SWTC314P OPLINK-SWTC314P Datasheet
171Kb / 2P
   Single Window Single Mode Wideband Tree/Star Coupler
logo
ELMOS Semiconductor AG
E910.56 ELMOS-E910.56 Datasheet
194Kb / 2P
   FlexRay??Star Coupler
logo
NXP Semiconductors
TJA1086 NXP-TJA1086 Datasheet
964Kb / 62P
   FlexRay active star coupler
Rev. 1-18 April 2013
TJA1085G NXP-TJA1085G Datasheet
851Kb / 63P
   FlexRay active star coupler
Rev. 1-28 February 2017
TJA1085 NXP-TJA1085 Datasheet
963Kb / 61P
   FlexRay active star coupler
Rev. 1-23 October 2012
TJA1086G NXP-TJA1086G Datasheet
403Kb / 64P
   FlexRay active star coupler
Rev. 1-13 July 2017
logo
OPLINK Communications I...
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com