Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP17E070064A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP17E070064A
Description  17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP17E070064A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP17E070064A Datasheet HTML 1Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 2Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 3Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 4Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 5Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 6Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 7Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 8Page - List of Unclassifed Manufacturers AP17E070064A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPE-11-8-144/B | page 3 of 11
2. Specification
2.1 Patch Antenna
2.2 LNA
Parameter
Specification
Frequency
1575.42 ± 1.023MHz
Gain @ Zenith
-1.0dBic Typ. @ Zenith
Polarization
RHCP
Axial Ratio
3.0dB max @ Zenith
Patch Dimension
17*17*4mm
Parameter
Specification
Frequency
1575.42 ± 1.023MHz
Outer Band Attenuation
F0=1575.42MHz
F0±30MHz 2dB min.
F0±50MHz 18dB min.
F0±100MHz 25dB min.
Output Impedance
50Ω
Output VSWR
2.0 Max
Pout at 1dB Gain
Compression point
Typ. -2dBm
Min. -6dBm
LNA Gain, Power Consumption and Noise Figure
Voltage
LNA Gain (Typ)
Power Consumption(mA) Typ
Noise Figure Typ
Min. 1.8V
13dB
1.6mA
2.5dB
Typ. 3.0V
16dB
3.5mA
2.5dB
Max. 5.5V
17dB
7.6mA
2.6dB
Parameter
Specification
RF Cable
Coaxial Cable Ø 1.13 ± 0.1mm, length 64mm ± 2.5mm
Connector
IPEX MHFI (U.FL)
2.3 Cable* & Connector


Similar Part No. - AP17E070064A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP17E070064A TAOGLAS-AP17E070064A Datasheet
614Kb / 9P
   17mm One Stage GPS/Galileo Active Patch Antenna Module
More results

Similar Description - AP17E070064A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25E070054A ETC2-AP25E070054A Datasheet
1Mb / 11P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AP17E070064A TAOGLAS-AP17E070064A Datasheet
614Kb / 9P
   17mm One Stage GPS/Galileo Active Patch Antenna Module
AP25M070080A TAOGLAS-AP25M070080A Datasheet
632Kb / 9P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Fi
logo
List of Unclassifed Man...
AP35A070054A ETC2-AP35A070054A Datasheet
619Kb / 14P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
Taoglas antenna solutio...
AP35A070054A TAOGLAS-AP35A070054A Datasheet
988Kb / 11P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
List of Unclassifed Man...
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP17F070064A ETC2-AP17F070064A Datasheet
1Mb / 11P
   17mm Two Stage GPS Active Patch Antenna Module
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AGGBP25A070060A TAOGLAS-AGGBP25A070060A Datasheet
1Mb / 13P
   25x25mm One Stage GPS-Galileo-Glonass-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com