Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1C183JB5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU1C183JB5
Description  Film Chip Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1C183JB5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU1C183JB5 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1C183JB5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
■Rating, Dimensions & Quantity/Reel
Cap. (µF)
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
For this rating use type
ECHU(B)
ECWU1C123JB5 3.2 1.6 1.0 H2
ECWU1C153JB5 3.2 1.6 1.0 H2
ECWU1C183JB5 3.2 1.6 1.0 H2
ECWU1C223JB5 3.2 1.6 1.0 H2
ECWU1C273JB5 3.2 1.6 1.0 H2
ECWU1C333JB5 3.2 1.6 1.4 H3
ECWU1C393JB5 3.2 1.6 1.4 H3
ECWU1C473JB5 3.2 1.6 1.4 H3
ECWU1C563JB5 3.2 2.5 1.4 G2
ECWU1C683JB5 3.2 2.5 1.4 G2
ECWU1C823JB5 3.2 2.5 2.0 G3
ECWU1C104JB5 3.2 2.5 2.0 G3
ECWU1C124JC9 4.8 3.3 1.4 E1
ECWU1C154JC9 4.8 3.3 2.0 E2
ECWU1C184JC9 4.8 3.3 2.0 E2
ECWU1C224JC9 4.8 3.3 2.4 E3a
ECWU1C274JC9 6.0 4.1 1.8 D1
ECWU1C334JC9 6.0 4.1 2.0 D2
ECWU1C394JC9 6.0 4.1 2.4 D3
ECWU1C474JC9 6.0 4.1 2.8 D4
3000
2000
3000
2000
3000
2000
For this rating use type
ECHU(B)
ECWU1H332JB5 3.2 1.6 0.8 H1
ECWU1H392JB5 3.2 1.6 0.8 H1
ECWU1H472JB5 3.2 1.6 0.8 H1
ECWU1H562JB5 3.2 1.6 0.8 H1
ECWU1H682JB5 3.2 1.6 0.8 H1
ECWU1H822JB5 3.2 1.6 1.0 H2
ECWU1H103JB5 3.2 1.6 1.0 H2
ECWU1H123JB5 3.2 2.5 1.0 G1
ECWU1H153JB5 3.2 2.5 1.0 G1
ECWU1H183JB5 3.2 2.5 1.4 G2
ECWU1H223JB5 3.2 2.5 1.4 G2
ECWU1H273JB5 3.2 2.5 1.4 G2
ECWU1H333JB5 3.2 2.5 2.0 G3
ECWU1H393JB5 3.2 2.5 2.0 G3
ECWU1H473JB5 3.2 2.5 2.0 G3
ECWU1H563JC9 4.8 3.3 2.0 E2
ECWU1H683JC9 4.8 3.3 2.0 E2
ECWU1H823JC9 4.8 3.3 2.4 E3a
ECWU1H104JC9 4.8 3.3 2.4 E3a
ECWU1H124JC9 6.0 4.1 1.8 D1
ECWU1H154JC9 6.0 4.1 2.0 D2
ECWU1H184JC9 6.0 4.1 2.4 D3
ECWU1H224JC9 6.0 4.1 2.8 D4
3000
2000
3000
2000
3000
2000
ECWU1102JB5 3.2 1.6 1.0 H2
ECWU1122JB5 3.2 1.6 1.0 H2
ECWU1152JB5 3.2 1.6 1.0 H2
ECWU1182JB5 3.2 1.6 1.0 H2
ECWU1222JB5 3.2 1.6 1.0 H2
ECWU1272JB5 3.2 1.6 1.0 H2
ECWU1332JB5 3.2 1.6 1.4 H3
ECWU1392JB5 3.2 1.6 1.4 H3
ECWU1472JB5 3.2 1.6 1.4 H3
ECWU1562JB5 3.2 2.5 1.4 G2
ECWU1682JB5 3.2 2.5 1.4 G2
ECWU1822JB5 3.2 2.5 2.0 G3
ECWU1103JB5 3.2 2.5 2.0 G3
ECWU1123JC9 4.8 3.3 1.4 E1
ECWU1153JC9 4.8 3.3 1.4 E1
ECWU1183JC9 4.8 3.3 1.4 E1
ECWU1223JC9 4.8 3.3 1.4 E1
ECWU1273JC9 4.8 3.3 1.4 E1
ECWU1333JC9 4.8 3.3 1.4 E1
ECWU1393JC9 4.8 3.3 2.0 E2
ECWU1473JC9 4.8 3.3 2.0 E2
3000
2000
3000
Rated volt. 16VDC
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Rated volt. 50VDC
Rated volt. 100VDC
■Example for Land Dimensions (mm)
Land
Electrode
C
A
B
H1
2.2
3.8
1.4
H2
2.2
3.8
1.4
H3
2.2
3.8
1.4
G1
2.2
3.8
2.3
G2
2.2
3.8
2.3
G3
2.2
3.8
2.3
E1
2.6
6.6
3.0
E2
2.6
6.6
3.0
E3a
2.6
6.6
3.0
E3
2.6
6.6
3.0
D1
3.8
7.8
3.8
D2
3.8
7.8
3.8
D3
3.8
7.8
3.8
D4
3.8
7.8
3.8
Land dimensions
Reflow soldering
AB
C
■Taping Specification for Automatic Insertion(Mounting)
Refer to the PDF file of taping specifications
Code


Similar Part No. - ECWU1C183JB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1C183JB5 PANASONIC-ECWU1C183JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
More results

Similar Description - ECWU1C183JB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H222JB5 PANASONIC-ECH-U1H222JB5 Datasheet
63Kb / 2P
   Film Chip Capacitor
ECH-U1H221JB5 PANASONIC-ECH-U1H221JB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H104JC9 PANASONIC-ECH-U1H104JC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
logo
List of Unclassifed Man...
ECH-U1H104GC9 ETC1-ECH-U1H104GC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
logo
Panasonic Semiconductor
ECH-U1H184GC9 PANASONIC-ECH-U1H184GC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR
ECH-U1C123JB5 PANASONIC-ECH-U1C123JB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H104GB9 PANASONIC-ECH-U1H104GB9 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECH-U1H103GB5 PANASONIC-ECH-U1H103GB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECW-U1H473JB5 PANASONIC-ECW-U1H473JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECH-U1H124JC9 PANASONIC-ECH-U1H124JC9 Datasheet
123Kb / 2P
   FILM CHIP CAPACITOR ECHU(X)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com