Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP10E070039B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP10E070039B
Description  AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10E070039B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP10E070039B Datasheet HTML 2Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 9Page - List of Unclassifed Manufacturers AP10E070039B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
-8
-10
-15
-20
-25
-30
-35
-40
90
270
180
0
SPE-12-8-003/B/SS | page 6 of 12
6. Radiation Patterns
6.1 XZ Plane Radiation
Pattern
Model No.
Test Mode
Freq (MHz)
Max Gain(dBi)
Min Gain(dBi)
Avg. Gain(dBi)
Source Polar.
1
AP.10E.07.0039B
XZ
1624.00
-9.27 / 163.26
-13.80 / 68.02
-11.23
RHCP


Similar Part No. - AP10E070039B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP10E070039B TAOGLAS-AP10E070039B Datasheet
442Kb / 9P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI (U.FL compatible)
More results

Similar Description - AP10E070039B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP10E070039B TAOGLAS-AP10E070039B Datasheet
442Kb / 9P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI (U.FL compatible)
AP10F070039B TAOGLAS-AP10F070039B Datasheet
532Kb / 10P
   2 Stage 25dB 10mm Active GPS/GALILEO Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI (U.FL compatible)
logo
List of Unclassifed Man...
AP10F070039B ETC2-AP10F070039B Datasheet
1Mb / 11P
   2 Stage 25dB 10mm Active Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI with Front End SAW Filter
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
   IPEX MHFI Connector
FXP14.07.0100A TAOGLAS-FXP14.07.0100A Datasheet
1Mb / 9P
   IPEX MHFI Connector
FXP73.07.0100A TAOGLAS-FXP73.07.0100A Datasheet
497Kb / 9P
   IPEX MHFI Connector
logo
List of Unclassifed Man...
RECE20279001E01 ETC2-RECE20279001E01 Datasheet
148Kb / 1P
   IPEX MHFI RECEPTACLE
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
PC23070100A ETC2-PC23070100A Datasheet
368Kb / 7P
   AMPS/GSM/PCS/DCS Cellular PCB Antenna 100mm 1.13 IPEX MHFI
logo
Taoglas antenna solutio...
CAB011 TAOGLAS-CAB011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95m 1.13 cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com