Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-304 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 22-304
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

22-304 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  22-304 Datasheet HTML 1Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 2Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 3Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 4Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 5Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 6Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 7Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 8Page - List of Unclassifed Manufacturers 22-304 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
46
www.itwswitches.com
APPLICATIONS
Welding guns
Pipeline valve actuator
Discrete length tape dispenser machines
Lift trucks
Electrical contractors
MINIATURE 10 AMP DOUBLE-BREAK
SNAP ACTION SWITCHES
This rugged miniature switch features the
Butterfly® double-break snap action switch
mechanism. It is ideal for tough applications
where high current capability and Butterfly®
reliability are needed.
KEY FEATURES:
Gold or silver contacts
Variety of terminals configurations
and styles available
UL recognized and CSA certified
Reset style switch available
Roller lever and overtravel plunger
actuator are available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

IEC
IP67
COMPLIANT

®
V
D E
ORDERING INFORMATION:
Switches
Part Number
Terminals
11-104
End Solder
11-204
#4 Screw
11-304
Side Solder
11-314 Reset
Side Solder
11-504
Quick Disconnect .250
Actuators (see page 68 for additional specifications)
Part Number
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
Operating Point
71-1040
3.5 oz max
2 oz min
.093 max
062 min
.030 ± .015
.671 ± .031
Roller Lever
71-2010
8 ± 3 oz
4 oz min
.050 max
.215 min
.020 ± .005
.828±.015
Over Travel
SNAP ACTION SWITCHES


Similar Part No. - 22-304

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
22-304504-18-P ARIES-22-304504-18-P Datasheet
647Kb / 1P
   24-Pin SOIC-to-22-Pin 0.400" DIP
More results

Similar Description - 22-304

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com