Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWGM5-S0154 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # AWGM5-S0154
Description  Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

AWGM5-S0154 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  AWGM5-S0154 Datasheet HTML 1Page - OPLINK Communications Inc. AWGM5-S0154 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Options
Applications
Performance Specificationns
AWGM5 Parameters
Gaussian
Moderate
Flat-top
Unit
Channel Spacing
50
GHz
Number of Channels
Up to 80
Channel Passband
± 6.25
GHz
Insertion Loss
< 4.0
< 6.0
dB
Uniformity
< 1.5
dB
Polarization Dependent Loss
< 0.5
dB
Adjacent Channel Crosstalk
> 25
dB
Non-adjacent Channel Crosstalk
> 30
dB
Total Crosstalk
> 20
dB
Return Loss
> 40
dB
Directivity
> 50
dB
Power Consumption
4
W
Maximum Power Handling
300
mW
Operating Temperature
-5 to +70
°C
Storage Temperature
-40 to +85
°C
S0154 - R01. 20100601
Planar Waveguide Dense Wavelength
Division Multiplexer/Demultiplexer
AWGM5 Series
Arrayed-waveguide grating (AWG) wavelength division multiplexers and de-
multiplexers at 50GHz channel spacing are based on patent-pending CVD
process.These silica-on-silicon waveguides exhibit exceptional material uni-
formity.
Complemented by our automated robust packaging, Oplink’s planar light-
wave circuits are well suited for demanding telecom applications such as
DWDM, long-haul, and metro transmission systems. The AWG offers low
insertion loss, accurate channel alignment, very low crosstalk and high chan-
nel-to-channel uniformity.This product family complies with Telcordia GR-
1221-CORE.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other compo-
nents to form a full function module.
Established Silica-on-Silicon Technology
Low Insertion Loss
Low PDL
Extremely Low Crosstalk
Low Chromatic Dispersion
Telcordia GR-1221-CORE Qualified
DWDM Transmission
Wavelength Routing
Optical Add/Drop Multiplexing
Channel Count: 16, 24, 32, 40, 80 or
Custom
Channel Spacing: 100GHz, 200GHz
Wavelength Plan: ITU Grid in C or L-Band
Custom Packaging Available
RTD/Thermistor Temperature Sensor or
Internal Temp Control Option


Similar Part No. - AWGM5-S0154

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
More results

Similar Description - AWGM5-S0154

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
OPLINK Communications I...
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
OPLINK Communications I...
AWGM1-S0153 OPLINK-AWGM1-S0153 Datasheet
278Kb / 3P
   Arrayed-Waveguide Grating Multiplexer/Demultiplexer
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
AAWG-S0312 OPLINK-AAWG-S0312 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com