Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP61511D Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP61511D
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61511D Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP61511D Datasheet HTML 1Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 2Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 3Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 4Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 5Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 6Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 7Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 8Page - Bourns Electronic Solutions TISP61511D Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
JULY 1995 — REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Recommended Operating Conditions
TISP61511D Gated Protectors
Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, VGK =0,-40 °C ≤ TJ ≤ 85 °CVDRM
-100
V
Repetitive peak gate-cathode voltage, VKA =0,-40 °C ≤ TJ ≤ 85 °CVGKRM
-85
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000 µs
5/310 µs
0.2/310 µs
1/20 µs
2/10 µsTJ =-40 °C
TJ =25 °C, 85 °C
30
40
40
90
120
170
Non-repetitive peak on-state curr ent, 50 Hz (see Notes 1 and 2)
ITSM
A
full-sine-wave, 20 ms
5
1s
3.5
Non-repetitive peak gate current, half-sine-wave, 10 ms (see Notes 1 and 2)
IGSM
2A
Junction temperatur e
TJ
-55 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
NOTES: 1. Initially the protector must be in thermal equilibrium with -40 °C ≤ TJ ≤ 85 °C. The surge may be repeated after the device returns
to its initial conditions. See the applications section for the details of the impulse generators.
2. The rated current values may be applied either to the Ring to Ground or to the Tip to Ground terminal pairs. Additionally, both
terminal pairs may have their rated current values applied simultaneously (in this case the Ground terminal current will be twice
the rated current value of an individual terminal pair). Above 85 °C, derate linearly to zero at 150 °C lead temperature.
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
Component
Min
Typ
Max
Unit
CG
Gate decoupling capacitor
220
nF
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
VD =-85 V,V GK =0
TJ =25 °C5
µA
TJ =70 °C50
µA
V(BO)
Breakover voltage
IT = 30 A, 10/1000 µs, 1 kV, RS = 33 Ω, di/dt(i) = 8 A/µs (see Note 3)
-58
V
VGK(BO)
Gate-cathode voltage
at breakover
IT = 30 A, 10/700 µs, 1.5 kV, RS=10 Ω, di/dt(i) = 14 A/µs (see Note 3)
IT = 30 A, 1.2/50 µs, 1.5 kV, RS=10 Ω, di/dt (i) = 70 A/µs (see Note 3)
IT = 38 A, 2/10 µs, 2.5 kV, RS=61 Ω, di/dt(i) = 40 A/µs (see Note 3)
10
20
25
V
VT
On-state voltage
IT = 0.5 A, tw = 500 µs
IT =3A,t w = 500 µs
3
4
V
VF
Forward voltage
IF =5A,t w = 500 µs3
V
VFRM
Peak forward recovery
voltage
IF = 30 A, 10/1000 µs, 1 kV, RS =33 Ω, di/dt(i) = 8 A/µs (see Note 3)
IT = 30 A, 10/700 µs, 1.5 kV, RS=10 Ω, di/dt (i) = 14 A/µs (see Note 3)
IT = 30 A, 1.2/50 µs, 1.5 kV, RS=10 Ω, di/dt (i) = 70 A/µs (see Note 3)
IT = 38 A, 2/10 µs, 2.5 kV, RS=61 Ω, di/dt(i) = 40 A/µs (see Note 3)
5
5
7
12
V
NOTE
3: All tests have CG = 220 nF and VGG = -48 V. RS is the current limiting resistor between the output of the impulse generator and
the R or T terminal. See the applications section for the details of the impulse generators.


Similar Part No. - TISP61511D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D Datasheet
355Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D-S BOURNS-TISP61511D-S Datasheet
355Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511DR BOURNS-TISP61511DR Datasheet
355Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511DR-S BOURNS-TISP61511DR-S Datasheet
355Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61511D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com