Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6315-45D3ARTRL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM6315-45D3ARTRL7
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315-45D3ARTRL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM6315-45D3ARTRL7 Datasheet HTML 1Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 2Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 3Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 4Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 5Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 6Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 7Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 8Page - Analog Devices ADM6315-45D3ARTRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Open-Drain Microprocessor
Supervisory Circuit in 4-Lead SOT-143
ADM6315
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Specified over temperature
Low power consumption (5 μA typical)
Precision voltage monitor of voltages from 2.5 V to 5 V
at 100 mV increments
Reset assertion down to VCC > 1 V
Reset timeout periods: 1 ms, 20 ms, 140 ms,
or 1120 ms (minimum)
Built-in manual reset
Pin compatible with the ADM811
Available in SOT-143 package
APPLICATIONS
Microprocessor systems
Controllers
Intelligent instruments
Automotive systems
Safety systems
Portable instruments
FUNCTIONAL BLOCK DIAGRAM
DEBOUNCE
ADM6315
MR
GND
RESET
VCC
VREF
RESET
CIRCUITRY
Figure 1.
ADM6315
GND
GND
10kΩ
SYSTEM POWER
VCC
MICROPROCESSOR
SYSTEM
RESET
RESET
MR
Figure 2. Typical Operating Circuit
GENERAL DESCRIPTION
The ADM6315 is a reliable voltage-monitoring device that is
suitable for use in most voltage-monitoring applications.
The ADM6315 is designed to monitor as little as a 1.8%
degradation of a power supply voltage. The ADM6315 can
monitor all voltages (at 100 mV increments) from 2.5 V to 5 V.
Included in this circuit is a debounced manual reset input.
RESET can be activated using an ordinary switch (pulling MR
low), a low input from another digital device, or a degradation
of the supply voltage.
The manual reset function is very useful, especially if the circuit
in which the ADM6315 is operating enters into a state that can
be detected only by the user. Allowing the user to reset a system
manually can reduce the damage or danger that could otherwise
be caused by an out-of-control or locked-up system.
The ADM6315 is available in a cost- and space-efficient
SOT-143 package.


Similar Part No. - ADM6315-45D3ARTRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315-45D3ARTRL7 AD-ADM6315-45D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Similar Description - ADM6315-45D3ARTRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com