Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP61089QB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP61089QB
Description  PROGRAMMABLE OVERVOLTAGE PROTECTOR QUAD FORWARD-CONDUCTING P-GATE THYRISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089QB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP61089QB_12 Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089QB_12 Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089QB_12 Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089QB_12 Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089QB_12 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JULY 2010 - REVISED MAY 2012
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MDRXAN
1
2
3
45
6
7
8
K2
A
A
K4
G1,G2
K1
K3
G3,G4
SDRXAIA
K1
K3
K4
K2
G3,G4
A
A
G1,G2
TISP61089QB SLIC Overvoltage Protector
TISP61089QB
PROGRAMMABLE OVERVOLTAGE PROTECTOR
QUAD FORWARD-CONDUCTING P-GATE THYRISTOR
Quad Voltage-Programmable Protector
- Wide -20 V to -155 V Programming Range
- Low 5 mA max. Gate Triggering Current
- High 150 mA min. Holding Current
- Rated for ITU-T and YD/T-950 10/700 impulses
- Rated for Telcordia Intra-building impulses
10/700 Protection Voltage Specified
Bourns® TISP61089QB is a quad forward-conducting buffered p-gate
overvoltage protector. It is designed to protect monolithic SLICs
(Subscriber Line Interface Circuits) against overvoltages on the tele-
phone line caused by lightning, a.c. power contact and induction. The
TISP61089QB limits voltages that exceed the SLIC supply rail voltage.
The TISP61089QB parameters are specified to allow equipment compli-
ance with Telcordia GR-1089-CORE Intra-building, ITU-T K.20, K.21 and
K.45 and YD/T-950.
The SLIC line driver section is typically powered from 0 V (ground) and a
negative voltage in the region of -20 V to -155 V. The protector gate is
connected to this negative supply. This references the protection
(clipping) voltage to the negative supply voltage. As the protection
voltage will then track the negative supply voltage the overvoltage stress
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
D Package (Top View)
Device Symbol
Description
on the SLIC is minimized.
Positive overvoltages are clipped to ground by diode forward conduction.
Negative overvoltages are initially clipped close to the SLIC negative supply
rail value. If sufficient current is available from the overvoltage, then the protector will crowbar into a low voltage on-state condition. As the
overvoltage subsides, the high holding current of the crowbar helps prevent d.c. latchup.
These monolithic protection devices are fabricated in ion-implanted planar vertical power structures for high reliability and are virtually
transparent in normal operation. The TISP61089QB buffered gate design reduces the loading on the SLIC supply during overvoltages caused
by power cross and induction. The TISP61089QB is available in an 8-pin plastic small-outline surface mount package.
How to Order
Element
40 A, 5/310
Protection Level
Diode
+12
Crowbar
VGG = -48 V
-64
Device
Package
Carrier
TI
8 Pin Small Outline (D008)
SP61089QB
Embossed Tape Reeled
TISP61089QBDR-S
Order As
1089QB
Marking Code
2500
Standard Quantity


Similar Part No. - TISP61089QB_12

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61089QB_12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
TISP6L7591 ETC1-TISP6L7591 Datasheet
227Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com