Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6315-31D2ARTZRL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM6315-31D2ARTZRL
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315-31D2ARTZRL Datasheet(HTML) 4 Page - Analog Devices

  ADM6315-31D2ARTZRL Datasheet HTML 1Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 2Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 3Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 4Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 5Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 6Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 7Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 8Page - Analog Devices ADM6315-31D2ARTZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM6315
Rev. E | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
THERMAL RESISTANCE
Table 2.
Parameter
Rating
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Terminal Voltage (with Respect to Ground)
Table 3. Thermal Resistance
VCC
−0.3 V to +6 V
Package Type
θJA
Unit
All Other Inputs
−0.3 V to +6 V
4-Lead SOT-143
330
°C/W
Input Current
VCC
20 mA
ESD CAUTION
Output Current
RESET
20 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +160°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Rating
2.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADM6315-31D2ARTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315-31D2ARTZRL AD-ADM6315-31D2ARTZRL Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-31D2ARTZRL AD-ADM6315-31D2ARTZRL Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Similar Description - ADM6315-31D2ARTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com