Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

276XAXH-5D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 276XAXH-5D
Description  PRINTED CIRCUIT BOARD RELAYS 1 TO 30 AMPERES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

276XAXH-5D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  276XAXH-5D Datasheet HTML 1Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 2Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 3Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 4Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 5Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 6Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 7Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 8Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PRINTED CIRCUIT BOARD RELAYS
9A
90
PAGE 5 - 6
L
W
H
1.30 x 1.08 x 0.805
L
W
H
1.27 x 1.08 x 1.10
UL Recognized
File No. E43641
C
US
EPOXY SEALED IMMERSION
CLEANABLE
STANDARD 0.1 GRID PATTERN
CLASS "B" OR "F" INSULATION
SYSTEM
MEETS UL 508 & UL 873 SPACING
SPST-NO. & SPDT
SILVER CADMIUM OXIDE
SPST-NO:
30AMP, 240 VAC, 20AMP, 30 VDC
SPDT:
20 AMP, 250 VAC (NO),
15 AMP, 240 VAC (NC),
10AMP, 30 VDC
5, 12, 24 & 110 VDC
-
2.8 WATTS MAX.
- 55˚C TO +105˚C
- 55˚C TO +130˚C
1500 V rms
100,000 OPERATIONS
10,000,000 OPERATIONS
UL Recognized
File No. E13224
C
US
EPOXY SEALED IMMERSION
CLEANABLE WITH TAPE SEAL
CLASS "F" INSULATION SYSTEM
SPADE TERMINALS ACCEPT
INSULATED 1/4" QUICK CONNECT
TERMINALS & 3/16'" COIL
QUICK CONNECT TERMINALS
SEE SECTION 1 FOR FLANGE MOUNT
STYLE WITH 1/4” & 3/16” QUICK CONNECT
TERMINALS
SPST-NO. & SPDT
SILVER CADMIUM OXIDE
SPST-NO:
30AMP, 240 VAC, 20AMP, 28 VDC
SPDT:
30 AMP, 240 VAC, 20AMP, 28 VDC (NO),
15AMP, 240 VAC,10AMP, 28 VDC (NC),
5, 12, 24, 48 & 110 VDC
0.95 VA
2.8 WATTS MAX
- 55˚C TO +85˚C
- 55˚C TO +130˚C
2500 V rms
100,000 OPERATIONS
10,000,000 OPERATIONS
PAGE 7 - 8
GENERAL DATA
AMBIENT TEMPERATURE
OPERATING:
STORAGE:
DIELECTRIC STRENGTH:
(COIL TO FRAME)
LIFE EXPECTANCY
ELECTRICAL:
MECHANICAL:
RELAY SERIES
FEATURES
ONTACT DATA
CONTACT CONFIGURATION:
CONTACT MATERIAL:
MAX. CONTACT RATING:
COIL DATA
STANDARD VOLTAGE
AC:
DC:
NOMINAL COIL POWER
VA: (VAC)
WATTS: (VDC)
INSULATION SYSTEM PER
AGENCY APPROVALS
PAGE NUMBER
LR 700908
1330/1335
UL Recognized
File No. E52197
C
US
PAGE 4
L
W
H
0.905 x 0.728 x 1.275
MINIATURE SIZE
ENCLOSED SEE THRU
COVER WITH
PRINTED CIRCUIT TERMINALS
AC OR DC OPERATION
5 AMP RESISTIVE OR
3 AMP INDUCTIVE SWITCHING
DPDT
SILVER CADMIUM OXIDE
3 AMP, 120 VAC.,
5 AMP, 120 VAC., 30 VDC
24 & 120 VAC
12 & 24 VDC
1.2 VA
1.2 WATTS
- 45˚C TO +70˚C
1500 V rms
100,000 OPERATIONS
AC: 50 ,000,000 &
DC:100,000,000 OPERATIONS
ISO 9002
QS 9000
7...1


Similar Part No. - 276XAXH-5D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
276XAXH-5D SCHNEIDER-276XAXH-5D Datasheet
184Kb / 4P
   Power relay, SE Relays, SPDT, 10A, 5 VDC, epoxy sealed
More results

Similar Description - 276XAXH-5D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTD14012 SIEMENS-RTD14012 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Schneider Electric
70-379-1 SCHNEIDER-70-379-1 Datasheet
110Kb / 4P
   Socket, SE Relays, 5A, 14 pins, for printed circuit board, for 782H / 792 relays,
logo
STMicroelectronics
ANT7-T-M24LR04E STMICROELECTRONICS-ANT7-T-M24LR04E Datasheet
173Kb / 3P
   Ready to use printed circuit board including
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
PHOENIX CONTACT
1852451 PHOENIX-1852451 Datasheet
63Kb / 3P
   Printed-circuit board connector - MCC 1/11-STZF-3,81
1883886 PHOENIX-1883886 Datasheet
81Kb / 5P
   Printed-circuit board connector - QC 1/15-STF-5,08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com