Electronic Components Datasheet Search |
|
74LVCE1G00FZ4-7 Datasheet(PDF) 4 Page - Diodes Incorporated |
|
74LVCE1G00FZ4-7 Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 14 page 74LVCE1G00 SINGLE 2 INPUT POSITIVE NAND GATE 74LVCE1G00 Document number: DS32210 Rev. 2 - 2 4 of 14 www.diodes.com December 2010 © Diodes Incorporated Recommended Operating Conditions (Note 4) Symbol Parameter Min Max Unit VCC Operating Voltage Operating 1.4 5.5 V Data retention only 1.2 V VIH High-level Input Voltage VCC = 1.4 V to 1.95 V 0.65 X VCC V VCC = 2.3 V to 2.7 V 1.7 VCC = 3 V to 3.6 V 2 VCC = 4.5 V to 5.5 V 0.7 X VCC VIL Low-level input voltage VCC = 1.4 V to 1.95 V 0.35 X VCC V VCC = 2.3 V to 2.7 V 0.7 VCC = 3 V to 3.6 V 0.8 VCC = 4.5 V to 5.5 V 0.3 X VCC VI Input Voltage 0 5.5 V VO Output Voltage 0 VCC V IOH High-level output current Vcc=1.4 V -3 mA VCC = 1.65 V -4 VCC = 2.3 V -8 VCC = 3 V -16 -24 VCC = 4.5 V -32 IOL Low-level output current Vcc=1.4 V 3 mA VCC = 1.65 V 4 VCC = 2.3 V 8 VCC = 3 V 16 24 VCC = 4.5 V 32 Δt/ΔV Input transition rise or fall rate VCC = 1.4 to 3V 20 ns/V VCC = 3.3 V ± 0.3 V 10 VCC = 5 V ± 0.5 V 5 TA Operating free-air temperature -40 85 ºC Note: 4. Unused inputs should be held at Vcc or Ground. |
Similar Part No. - 74LVCE1G00FZ4-7 |
|
Similar Description - 74LVCE1G00FZ4-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |