Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP7072F3 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP7072F3
Description  LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7072F3 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP7072F3 Datasheet HTML 1Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP7072F3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MARCH 1994 - REVISED SEPTEMBER 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Description (continued)
TISP70xxF3 (LV) Overvoltage Protector Series
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
The high crowbar holding current
helps prevent d.c. latchup as the diverted current subsides. These protectors are guaranteed to voltage limit
and withstand the listed lightning surges in both polarities.
These low voltage devices are guaranteed to suppress and withstand the listed international lightning surges on any terminal pair. Nine similar
devices with working voltages from 100 V to 275 V are detailed in the TISP7125F3 thru TISP7380F3 data sheet.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, 0 °C < TA < 70 °C
‘7072F3
‘7082F3
VDRM
58
66
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
IPPSM
A
1/2 (Gas tube differential transient, 1/2 voltage wave shape)
240
2/10 (Telcordia GR-1089-CORE, 2/10 voltage wave shape)
85
1/20 (ITU-T K.22, 1.2/50 voltage wave shape, 25 resistor)
45
8/20 (IEC 61000-4-5, combination wave generator, 1.2/50 voltage wave shape)
80
10/160 (FCC Part 68, 10/160 voltage wave shape)
65
4/250 (ITU-T K.20/21, 10/700 voltage wave shape, simultaneous)
60
0.2/310 (CNET I 31-24, 0.5/700 voltage wave shape)
50
5/310 (ITU-T K.20/21, 10/700 voltage wave shape, single)
50
5/320 (FCC Part 68, 9/720 voltage wave shape, single)
50
10/560 (FCC Part 68, 10/560 voltage wave shape)
45
10/1000 (Telcordia GR-1089-CORE, 10/1000 voltage wave shape)
40
Non-repetitive peak on-state current, 0 °C < TA < 70 °C (see Notes 1 and 3)
50 Hz,
1 s
ITSM
4.3
A
Initial rate of rise of on-state current,
Linear current ramp, Maximum ramp value < 38 A
diT/dt
250
A/µs
Junction temperature
TJ
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially, t he TISP® device must be in thermal equilibrium at the specified TA. The surge may be repeated after the TISP
® device
i
returns to its nitial conditions. The rated current values may be applied singly either to the R to G or to the T to G or to the T
Additionally, both R to G and T to G may have their rated current values applied simultaneously (in this case
current will be twice the above rated current values).
2. See Thermal Information for derated IPPSM values 0 °C < TA < 70 °C and Applications Information for details on wave shapes.
3. Above 70 °C, derate ITSM linearly to zero at 150 °C lead temperature.
to R terminals.
.
the total G terminal


Similar Part No. - TISP7072F3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7072F3D POINN-TISP7072F3D Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7072F3D BOURNS-TISP7072F3D Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3D-S BOURNS-TISP7072F3D-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7072F3DR POINN-TISP7072F3DR Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
More results

Similar Description - TISP7072F3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com