Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP5070H3BJ Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TISP5070H3BJ
Description  FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP5070H3BJ Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button TISP5070H3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP5070H3BJ Datasheet HTML 10Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
JANUARY 1998 - REVISED JANUARY 2007
Typical Characteristics
TISP5xxxH3BJ Overvoltage Protection Series
Figure 6.
Figure 7.
OFF-STATE CAPACITANCE
vs
OFF-STATE VOLTAGE
V
D - Negative Off-state Voltage - V
1
2
3
5
10
20 30
50
100
20
30
40
50
60
70
80
90
150
200
300
100
T
J = 25°C
V
d = 1 Vrms
TC5XABBa
'5110
'5080
'5070
'5095
'5115
'5150 &
'5190
DIFFERENTIAL OFF-STATE CAPACITANCE
vs
RATED REPETITIVE PEAK OFF-STATE VOLTAGE
V
DRM - Negative Repetitive Peak Off-State Voltage - V
58 65
75 80
90
120
80
90
100
110
120
130
140
150
160
170
180
190
C = C
off(-2 V) - Coff(-50 V)
TC5XAEB


Similar Part No. - TISP5070H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP5070H3BJ POINN-TISP5070H3BJ Datasheet
299Kb / 15P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP5070H3BJ BOURNS-TISP5070H3BJ Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJR BOURNS-TISP5070H3BJR Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP5070H3BJR-S BOURNS-TISP5070H3BJR-S Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP5070H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP5070H3BJ POINN-TISP5070H3BJ Datasheet
299Kb / 15P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP5XXXH3BJ BOURNS-TISP5XXXH3BJ Datasheet
280Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1072F3 BOURNS-TISP1072F3_08 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com