Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP6NTP2A Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP6NTP2A
Description  Programmable Protector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2A Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  TISP6NTP2A Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
JUNE 1998 - REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Indoor POTS Lines to ITU-T Recommendation K.21. K.22 and IEC 61000-4-5: 1995
TISP6NTP2A Programmable Protector
Internal POTS lines from WILL and ISDN-TA equipment are in a relatively unexposed environment. If these lines are galvanically isolated
(floating), the return path for any induced surges can only be through equipment capacitance or insulation breakdown.
The most stressful condition would be when the POTS lines are not galvanically isolated. Such a case is when an ISDN-TA has a common
connection between the incoming ISDN line and the internal POTS lines. The ISDN line is likely to be ground referenced and may have primary
protection at the subscriber connection. If the primary protection operates, it provides a direct return to ground.
ITU-T recommendation K.22 for a floating 4-conductor T/S bus uses a 1 kV 1.2/50 or 2/10 impulse, capacitively coupled via 8 nF to the bus
conductors. Very little circulating current is likely to flow during K.22 testing. If the T/S bus has a ground return, then the testing changes to
ITU-T recommendation K.21. The required series resistor values for K.21 and the TISP6NTP2A have been calculated earlier.
In IEC 61000-4-5: 1995 the highest specified test level is class 5. For unshielded symmetrically operated lines, class 5 testing uses a 4000 V
combination wave (1.2/50, 8/20) generator to apply a simultaneous impulse to all conductors. For the four conductors of the two POTS lines,
the currents are equalized by the use of specified 160 Ω feed resistors. As the generator fictive source impedance is 2 Ω, the peak current in
each conductor is 4000/(2x4 + 160) = 24 A. This is less than the 60 A TISP6NTP2A rating.
If the lines are long and exit the building, testing is done with a 10/700 generator. In this case the feed resistors are 100 Ω and the fictive
impedance is 15 Ω. The peak current in each conductor will be 4000/(15x4 + 100) = 25 A. This value is the same as the TISP6NTP2A rating.
As the equipment connected to the POTS line may have uncoordinated protection, it is desirable to provided the ring-tip pair current sharing to
the TISP6NTP2A by series resistors (R1A, R1B, R2A and R2B). A value of 4 Ω should be sufficient to ensure sharing.
APPLICATIONS INFORMATION
“TISP” is a trademark of Bourns, Ltd., a Bourns Company, and is Registered in U.S. Patent and Trademark Office.
“Bourns” is a registered trademark of Bourns, Inc. in the U.S. and other countries.


Similar Part No. - TISP6NTP2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP6NTP2A BOURNS-TISP6NTP2A Datasheet
537Kb / 9P
   QUAD FORWARD-CONDUCTING BUFFERED P-GATE THYRISTORS
More results

Similar Description - TISP6NTP2A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Surge Components
SVG110S SURGE-SVG110S Datasheet
233Kb / 4P
   Programmable Overvoltage Protector
logo
Bourns Electronic Solut...
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
R3612 POINN-R3612 Datasheet
222Kb / 16P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR FOR ERICSSON COMPONENTS 3357/3 DCLIC
logo
Bourns Electronic Solut...
TISP61089QB BOURNS-TISP61089QB_12 Datasheet
346Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR QUAD FORWARD-CONDUCTING P-GATE THYRISTOR
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790 Datasheet
388Kb / 41P
   Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
DS2790 MAXIM-DS2790_V01 Datasheet
495Kb / 41P
   Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
   IC protector
logo
Bourns Electronic Solut...
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
1669 BOURNS-1669 Datasheet
174Kb / 2P
   Transient Protector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com