Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ2VB2D332 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ2VB2D332
Description  Multilayer Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VB2D332 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ2VB2D332 Datasheet HTML 1Page - Panasonic Semiconductor ECJ2VB2D332 Datasheet HTML 2Page - Panasonic Semiconductor ECJ2VB2D332 Datasheet HTML 3Page - Panasonic Semiconductor ECJ2VB2D332 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC32 –
EC
J
3
F
B
2A4
7
3K
Rated Voltage Code
Nominal
Capacitance
Size Code
(Example)
Capacitance
Tolerance Code
123456789
10
11
12
Packaging Style
Code
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
Temperature
Characteristic Code
5
4
3
2
1
L
T
W
L1
L2
Multilayer Ceramic Capacitors
(100V, 200V Series)
Series:
ECJ
Features
● Small size and wide capacitance range
● High humidity resistance and long life
● Low inductance (ESL) and excellent frequency
characteristics
● RoHS compliant
Recommended Applications
● Noise limiting, coupling, time constant and oscillation
circuitry
Handling Precautions
See Page 48 to 53
Packaging Specifications
See Page 45, 46, 56
Explanation of Part Numbers
Construction
Dimensions in mm (not to scale)
Size Code
Size (EIA)
L
W
T
L1, L2
1
0603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
2
0805
2.0±0.1
1.25±0.10
0.85±0.10
0.50±0.25
1.25±0.10
31206
3.20±0.15
1.60±0.15
0.85±0.10
0.6±0.3
1.15±0.10
3.2±0.2
1.6±0.2
1.6±0.2
41210
3.2±0.3
2.5±0.3
2.0±0.2
0.6±0.3
2.5±0.3
Packaging Styles and Standard Packaging Quantities
Packaging
Style Code
Size
Thickness (mm)
Packaging Styles
0603
0805
1206
1210
T=0.8 T=0.85 T=1.25T=0.85 T=1.15
T=1.6
T=2.0
T=2.5
V
φ180 reel
Paper taping (Pitch: 4
mm)
4,000
4,000
4,000
F
Embossed taping
(Pitch: 4 mm)
——
3,000
3,000
Y—
——
2,000
2,000
1,000
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Quantity : pcs./reel
00 Sep. 2008


Similar Part No. - ECJ2VB2D332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ2VB2D332 PANASONIC-ECJ2VB2D332 Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ2VB2D332K PANASONIC-ECJ2VB2D332K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ2VB2D332M PANASONIC-ECJ2VB2D332M Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
More results

Similar Description - ECJ2VB2D332

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com