Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP4S040L1BJR-S Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP4S040L1BJR-S
Description  TISP4SxxxBJ Overvoltage Protector Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4S040L1BJR-S Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP4S040L1BJR-S_12 Datasheet HTML 1Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 2Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 3Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 4Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4S040L1BJR-S_12 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
JUNE 2012
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4SxxxBJ Overvoltage Protector Series
0.1
10
1
1
10
100
VR, Reverse Voltage
NORMALIZED CAPACITANCE
vs
REVERSE VOLTAGE
TJ = 25 °C
f = 1 MHz
VRMS = 1 V
CO (VR)
CO (VR = 1 V)
0
50
100
0
1000
2000
3000
t - Time (µs)
PEAK PULSE CURVE
Test Waveform Example
tf = 10 µs
td = 1000 µs
Peak Value
tf
e-t
Half Value: IPP / 2 = td
0.001
0.01
0.1
1.0
10
100
-25
25
0
50
100
75
125
150
TJ, Junction Temperature (°C)
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
VDRM = 50 V
Excludes TISP4S040x1BJ devices as these devices cannot be operated at 50 V.
Excludes TISP4S040x1BJ devices as these are only rated up to 25 V.
Typical Characteristics
Devices will be coded as below. As the device parameters are sym-
metrical, terminal 1 is not identified.
Device Symbolization Code
Device
Symbolization
Code
TISP4S040L1BJR-S
KBL
TISP4S040M1BJR-S
GBL
TISP4S077M3BJR-S
GCL
TISP4S088M3BJR-S
GDL
TISP4S098M3BJR-S
GEL
TISP4S160M3BJR-S
GGL
TISP4S180M3BJR-S
GHL
TISP4S240M3BJR-S
GIL
TISP4S260M3BJR-S
GJL
TISP4S300M3BJR-S
GKL
TISP4S350M3BJR-S
GLL
TISP4S350T3BJR-S
GYL
TISP4S400M3BJR-S
GML


Similar Part No. - TISP4S040L1BJR-S_12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4015H1BJ BOURNS-TISP4015H1BJ Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJR BOURNS-TISP4015H1BJR Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJR-S BOURNS-TISP4015H1BJR-S Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4S040L1BJR-S_12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com