Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-KE025-300-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TBU-KE025-300-WH
Description  TBU-KE Series - TBU High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-KE025-300-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TBU-KE025-300-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-KE025-300-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-KE025-300-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-KE025-300-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-KE025-300-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-KE025-300-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Superior circuit protection
Overcurrent and overvoltage protection
Blocks surges up to rated limits
High-speed performance
Small SMT package
RoHS compliant*
Agency recognition:
Applications
Set top box LNB ports
Protection modules and dongles
Process control equipment
Test and measurement equipment
General electronics
TBU-KE Series - TBU® High-Speed Protectors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The TBU-KE Series of Bourns® TBU®
(Transient Blocking Unit) products are very
low capacitance unidirectional high-speed
surge protection components designed to protect
against faults caused by short circuits, AC
power cross, induction and lightning surges.
The TBU-KE is a unidirectional TBU® device: the TBU® protector will trip in less than
1
μs when the current reaches the maximum value in one direction only, that is when
Pin 1 is positive in voltage with respect to Pin 2. No current limiting exists in the oppo-
site polarity, and the TBU® protector appears as resistive in nature. The reverse current
should not exceed the maximum trigger current level of the TBU® device. An external
diode may be used to prevent reverse current in DC biased applications.
The TBU® protector blocks surges and provides an effective barrier behind which sensi-
tive electronics will not be exposed to large voltages or currents during surge events.
After the surge, the TBU® device resets when the voltage across the TBU® device falls
to the Vreset level. The TBU
® device will automatically reset on lines which have no DC
bias or have DC bias below Vreset (such as unpowered signal lines).
The TBU® device is provided in a surface mount DFN package and meets industry
standard requirements such as RoHS and Pb Free solder reflow profiles.
Agency Approval
Description
UL
File Number: E315805
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Value
Unit
Vimp
Peak impulse voltage withstand with duration less than 10 ms
TBU-KE025-xxx-WH
TBU-KE040-xxx-WH
TBU-KE050-xxx-WH
250
400
500
V
Vrms
Continuous A.C. RMS voltage
TBU-KE025-xxx-WH
TBU-KE040-xxx-WH
TBU-KE050-xxx-WH
100
200
250
V
Top
Operating temperature range
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
E2550
0072
TBU® Device
Line Side
12
Load Side
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - TBU-KE025-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-KE025-300-WH BOURNS-TBU-KE025-300-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-KE025-300-WH BOURNS-TBU-KE025-300-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-KE025-300-WH BOURNS-TBU-KE025-300-WH Datasheet
526Kb / 6P
   High Speed Protectors
More results

Similar Description - TBU-KE025-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-CX085-VTC-WH BOURNS-TBU-CX085-VTC-WH Datasheet
613Kb / 5P
   TBU-CX Series - TBU High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
812Kb / 7P
   TBU-PK Series - TBU High-Speed Protectors
TBU-PL085-100-WH BOURNS-TBU-PL085-100-WH Datasheet
812Kb / 7P
   TBU-PL Series - TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com