Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1221BRMZ-REEL71 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1221BRMZ-REEL71
Description  Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1221BRMZ-REEL71 Datasheet(HTML) 3 Page - Analog Devices

  ADG1221BRMZ-REEL71 Datasheet HTML 1Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 2Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 3Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 4Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG1221BRMZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = –15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Temperature
Parameter
25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
VDD = +13.5 V, VSS = –13.5 V,
VS = ±10 V, IS = –1 mA (see Figure 23)
120
Ω typ
200
240
270
Ω max
On Resistance Match
Between Channels, ∆RON
VS = ±10 V, IS = –1 mA
2.5
Ω typ
6
10
12
Ω max
On Resistance Flatness, RFLAT(ON)
VS = –5 V/0 V/+5 V; IS = –1 mA
20
Ω typ
64
76
83
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = –16.5 V
Source Off Leakage, IS (Off )
VS = ±10 V, VD = ±10 V (see Figure 24)
±0.002
nA typ
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
VS = ±10 V, VD = ±10 V (see Figure 24)
±0.002
nA typ
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
VS = VD = ±10 V (see Figure 25)
±0.01
nA typ
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
VIN = VINL or VINH
0.005
μA typ
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
RL = 300 Ω, CL = 35 pF, VS = 10 V
(see Figure 26)
130
ns typ
170
210
240
ns max
tOFF
RL = 300 Ω, CL = 35 pF, VS = 10 V
(see Figure 26)
85
ns typ
105
130
140
ns max
Break-Before-Make Time Delay
(ADG1223 Only), tBBM
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 10 V
(see Figure 27)
40
ns typ
10
ns min
Charge Injection, QINJ
0.1
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF (see Figure 28)
Off Isolation
75
dB typ
RL = 50 Ω, CL = 1 pF, f = 1 MHz
(see Figure 29)


Similar Part No. - ADG1221BRMZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1221BRMZ-REEL7 AD-ADG1221BRMZ-REEL7 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results

Similar Description - ADG1221BRMZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com