Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1208YRZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1208YRZ1
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208YRZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1208YRZ1 Datasheet HTML 3Page - Analog Devices ADG1208YRZ1 Datasheet HTML 4Page - Analog Devices ADG1208YRZ1 Datasheet HTML 5Page - Analog Devices ADG1208YRZ1 Datasheet HTML 6Page - Analog Devices ADG1208YRZ1 Datasheet HTML 7Page - Analog Devices ADG1208YRZ1 Datasheet HTML 8Page - Analog Devices ADG1208YRZ1 Datasheet HTML 9Page - Analog Devices ADG1208YRZ1 Datasheet HTML 10Page - Analog Devices ADG1208YRZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog, Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA (whichever occurs first)
Continuous Current, S or D
30 mA
Peak Current, S or D (Pulsed at
1 ms, 10% Duty Cycle Maximum)
100 mA
Operating Temperature Range
Industrial (Y Version)
–40°C to +125°C
Storage Temperature
–65°C to +150°C
Junction Temperature
150°C
θJA, Thermal Impedance, TSSOP
112°C/W
θJA, Thermal Impedance, LFCSP_VQ
30.4°C/W
θJA, Thermal Impedance, SOIC_N
77°C/W
Reflow Soldering Peak
Temperature (Pb-Free)
260(+0/−5)°C
1 Overvoltages at A, EN, S, or D are clamped by internal diodes. Current should
be limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG1208YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208YRZ1 AD-ADG1208YRZ1 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results

Similar Description - ADG1208YRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com