Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG621BRM Datasheet(PDF) 3 Page - Analog Devices

Part # ADG621BRM
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621BRM Datasheet(HTML) 3 Page - Analog Devices

  ADG621BRM Datasheet HTML 1Page - Analog Devices ADG621BRM Datasheet HTML 2Page - Analog Devices ADG621BRM Datasheet HTML 3Page - Analog Devices ADG621BRM Datasheet HTML 4Page - Analog Devices ADG621BRM Datasheet HTML 5Page - Analog Devices ADG621BRM Datasheet HTML 6Page - Analog Devices ADG621BRM Datasheet HTML 7Page - Analog Devices ADG621BRM Datasheet HTML 8Page - Analog Devices ADG621BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 3 of 12
SPECIFICATIONS
DUAL SUPPLY1
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = −4.5 V
On Resistance, RON
4
Ω typ
VS = ±4.5 V, IS = −10 mA, see Figure 16
5.5
7
Ω max
On Resistance Match Between Channels, ∆RON
0.25
Ω typ
VS = ±4.5 V, IS = −10 mA
0.35
0.4
Ω max
On Resistance Flatness, RFLAT(ON)
0.9
0.9
Ω typ
VS = ±3.3 V, IS = −10 mA
1.5
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = ±4.5 V, VD = 4.5 V, see Figure 17
±0.25
±1
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = ±4.5 V, VD = 4.5 V, see Figure 17
±0.25
±1
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = ±4.5 V, see Figure 18
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
75
ns typ
RL = 300 Ω, CL = 35pF; VS = 3.3 V, see Figure 19
120
155
ns max
tOFF
45
ns typ
RL = 300 Ω, CL = 35pF; VS = 3.3 V, see Figure 19
70
85
ns max
Break-Before-Make Time Delay, tBBM (ADG623 Only)
30
ns typ
RL = 300 Ω, CL = 35 pF; VS1= VS2 = 3.3 V
10
ns min
See
Figure 20
Charge Injection
110
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 21
Off Isolation
−65
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 22
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 23
Bandwidth −3 dB
230
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 24
CS (Off)
20
pF typ
f = 1 MHz
CD (Off)
20
pF typ
f = 1 MHz
CD, CS (On)
70
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V, VSS = –5.5 V
IDD
0.001
µA typ
Digital inputs = 0 V or 5.5 V
1.0
µA max
ISS
0.001
µA typ
Digital inputs = 0 V or 5.5 V
1.0
µA max
1 Temperature range is as follows: B version, –40°C to +85°C.
2 Guaranteed by design; not subject to production test.


Similar Part No. - ADG621BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621BRM AD-ADG621BRM Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG621BRM AD-ADG621BRM Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
More results

Similar Description - ADG621BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG601 AD-ADG601 Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com