Electronic Components Datasheet Search |
|
VC040214A150DP Datasheet(PDF) 5 Page - AVX Corporation |
|
VC040214A150DP Datasheet(HTML) 5 Page - AVX Corporation |
5 / 10 page 5 Dimensions L W T t Dimensions: Millimeters (Inches) D Max. 0.51 ±0.05 (0.020" ±0.002") L Max. 25.4 (1.0") Min. Lead Length DIMENSIONS: mm (inches) AVX Style VA1000 VA2000 (L) Max Length mm 4.32 4.83 (in.) (0.170) (0.190) (D) Max Diameter mm 2.54 3.56 (in.) (0.100) (0.140) DIMENSIONS: mm (inches) AVX Style 0402 0603 0805 1206 1210 1812 2220 (L) Length mm 1.00±0.10 1.60±0.15 2.01±0.20 3.20±0.20 3.20±0.20 4.50±0.20 5.70±0.20 (in.) (0.040±0.004) (0.063±0.006) (0.079±0.008) (0.126±0.008) (0.126±0.008) (0.177±0.008) (0.224±0.008) (W) Width mm 0.50±0.10 0.80±0.15 1.25±0.20 1.60±0.20 2.49±0.20 3.20±0.20 5.00±0.20 (in.) (0.020±0.004) (0.031±0.006) (0.049±0.008) (0.063±0.008) (0.098±0.008) (0.126±0.008) (0.197±0.008) (T) Max Thickness mm 0.6 0.9 1.02 1.02 1.70 1.70 1.70 (in.) (0.024) (0.035) (0.040) (0.040) (0.067) (0.067) (0.067) (t) Land Length mm 0.25±0.15 0.35±0.15 0.71 max. 0.71 max. 0.71 max. 0.50±0.25 0.50±0.25 (in.) (0.010±0.006) (0.014±0.006) (0.028 max.) (0.028 max.) (0.028 max.) (0.020±0.010) (0.020±0.010) Lead Finish: Copper Clad Steel, Solder Coated |
Similar Part No. - VC040214A150DP |
|
Similar Description - VC040214A150DP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |