Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-CA085-300-WH Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TBU-CA085-300-WH
Description  Bidirectional Dual TBU짰 Protectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA085-300-WH Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TBU-CA085-300-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 7Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TBU-based Solution Device Selection
Step 1: Current characterization:
Determine the peak system operating current and maximum operating ambient temperature. Use the TBU®
device data sheet’s “trigger current versus temperature” derating curve to determine the TBU® device derating value. 
Step 2: Overvoltage selection:
Select an overvoltage device that has the lowest available DC breakdown voltage greater than the normal system
voltages and any expected AC power faults. The selected device must also be capable of handling the required
lightning current.
Step 3: TBU® device selection:
Choose a TBU® device with a maximum impulse voltage (Vimp) greater than the maximum impulse breakover
or clamping voltage of the selected overvoltage protector. The selected TBU® device must also have a minimum
specified Itrigger above the maximum peak system operating current compensating for the temperature derating.
Step 4: Tertiary protection:
In most applications, the protected circuit sources sufficient current to trigger the TBU® device. If the protected
circuit impedance is high, a small avalanche diode to ground or small signal diodes clamping to the power
supply rails may be placed after the TBU® device. This will ensure that the TBU® device triggers, preventing
the voltage at the interface from rising to unsafe levels.
Basic TBU® Device Operation
Bourns® TBU® high-speed protectors are circuit
protection devices constructed using MOSFET
semiconductor technology. When placed in series in the
system, the TBU® protector monitors the current flowing
through the line. If the current exceeds a preset level, the
TBU® device triggers, providing an effective barrier to
large, destructive voltages or currents during surge events,
thereby protecting sensitive electronics.
The TBU® device operates in approximately 1 μs - once
line current exceeds the TBU® device’s trigger current
Itrigger. When operated, the TBU® device restricts line
current to less than 1 mA typically, and blocks voltages
including the surge up to rated limits.
After the surge, the TBU® automatically resets itself when
the voltage across the TBU® device falls to the Vreset or
below. Therefore, the TBU® device will automatically reset
on lines which have no DC bias or have DC bias below
Vreset (such as unpowered signal lines).
If the line has a normal DC bias above Vreset, the voltage
across the TBU® device may not fall below Vreset after
the surge. In such cases, special care needs to be taken
to ensure that the TBU® device will reset; software
monitoring may be used to accomplish this task. Bourns
application engineers can provide further assistance.
Key Features:
• TBU® device is used in series with the line
• TBU® device is triggered by current rise
• TBU® device can block voltages up to 850 V, enabling
easy coordination
• TBU® device provides superior protection in less than 1 µs
• TBU® device resets on voltage
• TBU® device offers an extremely low capacitance per line
Key Benefits:
• High-speed performance
• Blocks voltages and currents
• Extremely low let-through energy of 100 nJ
• Self-resetting on non-DC biased lines
• Very high bandwidth up to 3 GHz
• Small size in DFN package
• TBU-PL & TBU-PK series offer voltage triggering
• Smallest PCB area
• Ultra low profile
Bourns® TBU® Product Overview
TBU-VI Curve
I
I
OP
Forward
Trigger
Current
Residual
Reset
Current
Reset
Voltage
Threshold
Reset
Voltage
Threshold
Reverse
Trigger
Current
1/R
-I
OP
V


Similar Part No. - TBU-CA085-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-CA085-300-WH-Q BOURNS-TBU-CA085-300-WH-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU-CA085-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P500-G BOURNS-P500-G_10 Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com