Electronic Components Datasheet Search |
|
RPE5C1H681J2M2A03A Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
RPE5C1H681J2M2A03A Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 19 page C49E.pdf May.10,2011 11 1 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Part Number Temp. Char. Rated Voltage (Vdc) Capacitance Dimensions LxW (mm) Dimension T (mm) Lead Space F (mm) Lead Style Code Bulk Lead Style Code Taping (1) Lead Style Code Taping (2) Continued from the preceding page. RPEF51H103Z2ppA03p Y5V 50 10000pF +80/-20% 5.0 x 3.5 2.5 2.5 P1 S1 S2 RPEF51H103Z2ppA03p Y5V 50 10000pF +80/-20% 5.0 x 3.5 2.5 5.0 K1 M1 M2 RPEF51H223Z2ppA03p Y5V 50 22000pF +80/-20% 5.0 x 3.5 2.5 2.5 P1 S1 S2 RPEF51H223Z2ppA03p Y5V 50 22000pF +80/-20% 5.0 x 3.5 2.5 5.0 K1 M1 M2 RPEF51H473Z2ppA03p Y5V 50 47000pF +80/-20% 5.0 x 3.5 2.5 2.5 P1 S1 S2 RPEF51H473Z2ppA03p Y5V 50 47000pF +80/-20% 5.0 x 3.5 2.5 5.0 K1 M1 M2 RPEF51H104Z2ppA03p Y5V 50 0.10 µF +80/-20% 5.0 x 3.5 2.5 2.5 P1 S1 S2 RPEF51H104Z2ppA03p Y5V 50 0.10 µF +80/-20% 5.0 x 3.5 2.5 5.0 K1 M1 M2 RPEF51H224Z2ppA03p Y5V 50 0.22 µF +80/-20% 5.0 x 3.5 3.15 2.5 P1 S1 S2 RPEF51H224Z2ppA03p Y5V 50 0.22 µF +80/-20% 5.0 x 3.5 3.15 5.0 K1 M1 M2 RPEF51H474Z2ppC03p Y5V 50 0.47 µF +80/-20% 5.0 x 3.5 3.15 2.5 P1 S1 S2 RPEF51H474Z2ppC03p Y5V 50 0.47 µF +80/-20% 5.0 x 3.5 3.15 5.0 K1 M1 M2 Two blank columns are filled with the lead style code. Please refer to the 3 columns on the right for the appropriate code. The last blank column is filled with the packaging code. (B: bulk, A: ammo pack) |
Similar Part No. - RPE5C1H681J2M2A03A |
|
Similar Description - RPE5C1H681J2M2A03A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |