Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8842ANZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8842ANZ
Description  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8842ANZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8842ANZ Datasheet HTML 3Page - Analog Devices AD8842ANZ Datasheet HTML 4Page - Analog Devices AD8842ANZ Datasheet HTML 5Page - Analog Devices AD8842ANZ Datasheet HTML 6Page - Analog Devices AD8842ANZ Datasheet HTML 7Page - Analog Devices AD8842ANZ Datasheet HTML 8Page - Analog Devices AD8842ANZ Datasheet HTML 9Page - Analog Devices AD8842ANZ Datasheet HTML 10Page - Analog Devices AD8842ANZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD8842
REV.
–7–
10
90
100
0%
2V
5
µs
5
µS
5
µs
10
90
100
0%
2V
5
µs
Figure 13. Pulse Response—Upper Trace VIN @ 2 V/Div
Lower Trace VOUT @2 V/Div
Figure 16. Settling Time—Upper Trace LD @ 5 V/Div,
Lower Trace VOUT @ 2 V/Div
Figure 17. Digital Feedthrough—VOUT @ 10 mV/Div,
VIN = 0 V; Code 7FH to 80H
10
90
100
0%
2V
5
µs
5
µS
5
µs
10
90
100
0%
5mV
5V
50ns
10
90
100
0%
5mV
2
µs
Figure 15. Crosstalk—VOUT @ 5 mV/Div
Figure 18. Clock Feedthrough—VOUT @ 5 mV/Div
Figure 14. Worst Case 1 LSB Step Change Code 80H to 7FH,
Upper Trace LD @ 5 V/Div, Lower Trace VOUT @ 50 mV/Div
10
90
100
0%
2V
5
µs
5V
10
90
100
0%
2V
5
µs
5
µS
5
µs
10
90
100
0%
500ns
50mV
5V
10
90
100
0%
50ns
10mV
A


Similar Part No. - AD8842ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Similar Description - AD8842ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com