Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM188ER-33KIW Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM188ER-33KIW
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ER-33KIW Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM188ER-33KIW Datasheet HTML 6Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 7Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 8Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 9Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 10Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 11Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 12Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 13Page - Advanced Micro Devices AM188ER-33KIW Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
10
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
REVISION HISTORY
Date
Rev Description
Feb. 2000
D
Replaced block diagrams on page 2 and page 3 with updated diagrams showing that the internal data
bus interfaces via the BIU and not RAM.
Feb. 2000
D
Added new industrial parts for “Ordering Information” on page 4.
Feb. 2000
D
Updated product listings and customer service matter on page 12 and page 13.
Feb. 2000
D
Replaced Figure 8 on page 45 (microcontroller oscillator configurations) with updated figure.
Feb. 2000
D
Updated several references to watchdog timer on page 54 to reflect that the WDT is inactive after
reset, not active).
Feb. 2000
D
Provided a value for the TBD in the table entitled, “DC Characteristics Over Commercial and Industrial
Operating Ranges” on page 60.
Feb. 2000
D
Updated table title and "Min" values for No. 66 in the switching characteristics table, “Read Cycle (40
MHz and 50 MHz)” on page 71.
Feb. 2000
D
Updated table title and "Max" values for No. 87 in the switching characteristics table, “Write Cycle (40
MHz and 50 MHz)” on page 74.
Feb. 2000
D
Updated table title and "Min" value for No. 9 (50 MHz) in the switching characteristics table, “Internal
RAM Show Read Cycle (40 MHz and 50 MHz)” on page 76.
Feb. 2000
D
Updated table title and "Min" values for No. 66 in the switching characteristics table, “PSRAM Read
Cycle (40 MHz and 50 MHz)” on page 79.
Feb. 2000
D
Updated table title and "Max" value for No. 68 (40 MHz) in the switching characteristics table,
“PSRAM Write Cycle (40 MHz and 50 MHz)” on page 82.
Feb. 2000
D
Updated table title in the switching characteristics table, “PSRAM Refresh Cycle (40 MHz and 50
MHz)” on page 85.
Feb. 2000
D
Updated table title in the switching characteristics table, “Software Halt Cycle (40 MHz and 50 MHz)”
on page 90.
Feb. 2000
D
Updated "Min" and "Max" values in the switching characteristics table, “Clock (33 MHz)” on page 93.
Feb. 2000
D
Updated table title in the switching characteristics table, “Clock (40 MHz and 50 MHz)” on page 94.
Feb. 2000
D
Updated table title in the switching characteristics table, “Ready and Peripheral Timing (40 MHz and
50 MHz)” on page 96.
Feb. 2000
D
Updated table title in the switching characteristics table, “Reset and Bus Hold (40 MHz and 50 MHz)”
on page 99.
Feb. 2000
D
Updated table title in the switching characteristics table, “Synchronous Serial Interface (SSI) (40 MHz
and 50 MHz)” on page 102.
Feb. 2000
D
In the table "Switching Characteristics over Commercial and Industrial Operating Ranges Read Cycle
(40 MHz and 50 MHz)", row 9, column "50 MHz" - "Min", the "0" is deleted.
Feb. 2000
D
In the table "Switching Characteristics over Commercial and Industrial Operating Ranges Read Cycle
(40 MHz and 50 MHz)", row 66, column "40 MHz" - "Min", the value is changed.
Feb. 2000
D
In the table "Switching Characteristics over Commercial and Industrial Operating Ranges Read Cycle
(40 MHz and 50 MHz)", row 66, column "50 MHz" - "Min", the value is changed.
Feb. 2000
D
In the table "Switching Characteristics over Commercial and Industrial Operating Ranges PSRAM
Write Cycle (40 MHz and 50 MHz)", row 68, column "40 MHz" - "Max", the value is changed.
May 2000
D
Under “Key Features and Benefits” on page 14, in the third bullet "Enhanced functionality," the
feature, "a PSRAM controller" was added.
May 2000
D
Under “HOLD” on page 32, the sentence, "A HOLD request is second only to DRAM or PSRAM
refresh requests in priority of activity requests received by the processor." is changed.


Similar Part No. - AM188ER-33KIW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM188EM AMD-AM188EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM188EM-20KC ROCHESTER-AM188EM-20KC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
Advanced Micro Devices
AM188EM-20KC/W AMD-AM188EM-20KC/W Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM188EM-20KI ROCHESTER-AM188EM-20KI Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
Advanced Micro Devices
AM188EM-20KI/W AMD-AM188EM-20KI/W Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
More results

Similar Description - AM188ER-33KIW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com