Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8048AR-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8048AR-REEL
Description  250 MHz, General Purpose Voltage Feedback Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8048AR-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD8048AR-REEL Datasheet HTML 1Page - Analog Devices AD8048AR-REEL Datasheet HTML 2Page - Analog Devices AD8048AR-REEL Datasheet HTML 3Page - Analog Devices AD8048AR-REEL Datasheet HTML 4Page - Analog Devices AD8048AR-REEL Datasheet HTML 5Page - Analog Devices AD8048AR-REEL Datasheet HTML 6Page - Analog Devices AD8048AR-REEL Datasheet HTML 7Page - Analog Devices AD8048AR-REEL Datasheet HTML 8Page - Analog Devices AD8048AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV. A
–2–
AD8047/AD8048–SPECIFICATIONS
AD8047A
AD8048A
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT
≤ 0.4 V p-p
170
250
180
260
MHz
Large Signal
1
VOUT = 2 V p-p
100
130
135
160
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 300 mV p-p
AD8047, RF =0
Ω;
AD8048, RF = 200
35
50
MHz
Slew Rate, Average +/–
VOUT = 4 V Step
475
750
740
1000
V/
µs
Rise/Fall Time
VOUT = 0.5 V Step
1.1
1.2
ns
VOUT = 4 V Step
4.3
3.2
ns
Settling Time
To 0.1%
VOUT = 2 V Step
13
13
ns
To 0.01%
VOUT = 2 V Step
30
30
ns
HARMONIC/NOISE PERFORMANCE
Second Harmonic Distortion
2 V p-p; 20 MHz
–54
–48
dBc
RL = 1 k
–64
–60
dBc
Third Harmonic Distortion
2 V p-p; 20 MHz
–60
–56
dBc
RL = 1 k
–61
–65
dBc
Input Voltage Noise
f = 100 kHz
5.2
3.8
nV/
√Hz
Input Current Noise
f = 100 kHz
1.0
1.0
pA/
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 10 MHz
16
11
µV rms
Differential Gain Error (3.58 MHz)
RL = 150
Ω, G = +2
0.02
0.01
%
Differential Phase Error (3.58 MHz)
RL = 150
Ω, G = +2
0.03
0.02
Degree
DC PERFORMANCE
2, R
L = 150
Input Offset Voltage
3
13
13
mV
TMIN to TMAX
44
mV
Offset Voltage Drift
±5
±5
µV/°C
Input Bias Current
1
3.5
1
3.5
µA
TMIN to TMAX
6.5
6.5
µA
Input Offset Current
0.5
2
0.5
2
µA
TMIN to TMAX
33
µA
Common-Mode Rejection Ratio
VCM =
±2.5 V
74
80
74
80
dB
Open-Loop Gain
VOUT =
±2.5 V
58
62
65
68
dB
TMIN to TMAX
54
56
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
k
Input Capacitance
1.5
1.5
pF
Input Common-Mode Voltage Range
±3.4
±3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Range, RL = 150
Ω±2.8 ±3.0
±2.8 ±3.0
V
Output Current
50
50
mA
Output Resistance
0.2
0.2
Short-Circuit Current
130
130
mA
POWER SUPPLY
Operating Range
±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0 V
Quiescent Current
5.8
6.6
5.9
6.6
mA
TMIN to TMAX
7.5
7.5
mA
Power Supply Rejection Ratio
72
78
72
78
dB
NOTES
1See Absolute Maximum Ratings and Theory of Operation sections.
2Measured at A
V = 50.
3Measured with respect to the inverting input.
Specifications subject to change without notice.
( VS =
5 V, RLOAD = 100
, AV = 1 (AD8047), AV = 2 (AD8048), unless otherwise noted.)
ELECTRICAL CHARACTERISTICS


Similar Part No. - AD8048AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8048AR-REEL AD-AD8048AR-REEL Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AR-REEL AD-AD8048AR-REEL Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AR-REEL AD-AD8048AR-REEL Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AR-REEL7 AD-AD8048AR-REEL7 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AR-REEL7 AD-AD8048AR-REEL7 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

Similar Description - AD8048AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com