Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2Y-S-DC3V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DS2Y-S-DC3V
Description  Miniature Relay DS2Y RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DS2Y-S-DC3V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DS2Y-S-DC3V Datasheet HTML 1Page - Panasonic Semiconductor DS2Y-S-DC3V Datasheet HTML 2Page - Panasonic Semiconductor DS2Y-S-DC3V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DS2Y
ASCTB16E 201209-T
RATING
1. Coil data
Single side stable type
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (TX/TX-S/TX-D relay AgPd contact type are available for low level load switching [10V DC, 10mA max. level])
*2 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*3 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 50
°C 122°F)
3V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
66.7mA
45
200mW
200%V of
nominal voltage
5V DC
40mA
125
6V DC
33.3mA
180
9V DC
22.2mA
405
12V DC
16.7mA
720
24V DC
8.3mA
2,880
48V DC
6.3mA
7,680
300mW
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Ag+Au clad
Rating
Max. switching power
60 W, 62.5 VA (resistive load)
Max. switching voltage
220 V DC, 250 V AC
Max. switching current
2 A
Max. carrying current
3 A
Minimum operating power
Approx. 98 mW (147 mW: 48 V)
Nominal operating power
Approx. 200 mW (300 mW: 48 V)
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1min. (Detection current: 10mA.)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact and coil
1,000 Vrms for 1min. (Detection current: 10mA.)
FCC surge breakdown voltage between contacts
and coil
1,500 V
Temperature rise (at 20
°C 68°F)
Max. 65
°C with nominal coil voltage across coil and at nominal switching capacity
Operate time [Set time] (at 20
°C 68°F)
Approx. 4 ms [approx. 3 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Approx. 3 ms [approx. 3 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 490 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108
Electrical
5
×105 (1 A 30 V DC), 105 (2 A 30 V DC)
Conditions
Conditions for operation, transport and storage*
Ambient temperature: –40
°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
60 cpm
Unit weight
Approx. 4g .14oz


Similar Part No. - DS2Y-S-DC3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DS2Y-S-DC3V NAIS-DS2Y-S-DC3V Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
More results

Similar Description - DS2Y-S-DC3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
Altech corporation
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
   Miniature Electromagnetic Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com