Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAMD20J16A-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAMD20J16A-MU
Description  ARM-Based Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD20J16A-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAMD20J16A-MU Datasheet HTML 1Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 2Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 3Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 4Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 5Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 6Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 7Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 8Page - ATMEL Corporation ATSAMD20J16A-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
Features
Processor
ARM Cortex-M0+ CPU running at up to 48MHz
Single-cycle hardware multiplier
Memories
16/32/64/128/256KB in-system self-programmable flash
2/4/8/16/32KB SRAM
System
Power-on reset (POR) and brown-out detection (BOD)
Internal and external clock options with 48MHz Digital Frequency Locked Loop (DFLL48M)
External Interrupt Controller (EIC)
16 external interrupts
One non-maskable interrupt
Two-pin Serial Wire Debug (SWD) programming, test and debugging interface
Low Power
Idle and standby sleep modes
SleepWalking peripherals
Peripherals
8-channel Event System
Up to eight 16-bit Timer/Counters (TC), configurable as either:
One 16-bit TC with compare/capture channels
One 8-bit TC with compare/capture channels
One 32-bit TC with compare/capture channels, by using two TCs
32-bit Real Time Counter (RTC) with clock/calendar function
Watchdog Timer (WDT)
CRC-32 generator
Up to six Serial Communication Interfaces (SERCOM), each configurable to operate as either:
USART with full-duplex and single-wire half-duplex configuration
I
2C up to 400kHz
SPI
One 12-bit, 350ksps Analog-to-Digital Converter (ADC) with up to 20 channels
Differential and single-ended channels
1/2x to 16x gain stage
Automatic offset and gain error compensation
Oversampling and decimation in hardware to support 13-, 14-, 15- or 16-bit resolution
10-bit, 350ksps Digital-to-Analog Converter (DAC)
Two Analog Comparators with window compare function
Peripheral Touch Controller (PTC)
256-Channel capacitive touch and proximity sensing
I/O
Up to 52 programmable I/O pins
Packages
64-pin TQFP, QFN
48-pin TQFP, QFN
32-pin TQFP, QFN
Operating Voltage
1.62V – 3.63V
Power Consumption
Down to 70µA/MHz in active mode
Down to 8µA running the Peripheral Touch Controller


Similar Part No. - ATSAMD20J16A-MU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMD20J16 MICROCHIP-ATSAMD20J16 Datasheet
6Mb / 731P
   Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM
Revision F - 03/2022
More results

Similar Description - ATSAMD20J16A-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21 ATMEL-SAM-D21_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D20G ATMEL-SAM-D20G_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAMD20G ATMEL-SAMD20G_14 Datasheet
4Mb / 676P
   SMART ARM-Based Microcontroller
SAMD20J ATMEL-SAMD20J_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com