Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6645-105PCBZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6645-105PCBZ1
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645-105PCBZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6645-105PCBZ1 Datasheet HTML 5Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 6Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 7Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 8Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 9Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 10Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 11Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 12Page - Analog Devices AD6645-105PCBZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD6645
Rev. D | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
101520
25303540
ENCODE = 80MSPS
AIN = 2.2MHz @ –1dBFS
SNR = 75.0dB
SFDR = 93.0dBc
Figure 4. Single Tone @ 2.2 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
10152025303540
ENCODE = 80MSPS
AIN = 15.5MHz @ –1dBFS
SNR = 75.0dB
SFDR = 93.0dBc
Figure 5. Single Tone @ 15.5 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
5
0
10152025303540
ENCODE = 80MSPS
AIN = 29.5MHz @ –1dBFS
SNR = 74.5dB
SFDR = 93.0dBc
Figure 6. Single Tone @ 29.5 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 69.1MHz @ –1dBFS
SNR = 73.5dB
SFDR = 89.0dBc
5
0
101520253035
40
Figure 7. Single Tone @ 69.1 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 150MHz @ –1dBFS
SNR = 73.0dB
SFDR = 70.0dBc
5
0
10152025303540
Figure 8. Single Tone @ 150 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
6
5
4
3
ENCODE = 80MSPS
AIN = 200MHz @ –1dBFS
SNR = 72.0dB
SFDR = 64.0dBc
5
0
10152025303540
Figure 9. Single Tone @ 200 MHz


Similar Part No. - AD6645-105PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645-105PCBZ1 AD-AD6645-105PCBZ1 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645-105PCBZ1 AD-AD6645-105PCBZ1 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645-105PCBZ1 AD-AD6645-105PCBZ1 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645-105PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com