Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ8632GLE-10 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ8632GLE-10
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632GLE-10 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ8632GLE-10 Datasheet HTML 7Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 8Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 9Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 10Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 11Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 12Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 13Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 14Page - Monolithic Power Systems MPQ8632GLE-10 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.24
www.MonolithicPower.com
11
8/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
MPQ8632GVE-15, MPQ8632GVE-20
PIN #
Name
Description
1
EN
Enable. Digital input that turns the regulator on or off. Drive EN high to turn on the
regulator; drive it low to turn it off. Connect EN to IN through a pull-up resistor or a
resistive voltage divider for automatic startup. Do not float this pin.
2
FREQ
Frequency Set. Require a resistor connected between FREQ and IN to set the
switching frequency. The input voltage and the resistor connected to the FREQ pin
determine the ON time. The connection to the IN pin provides line feed-forward and
stabilizes
the frequency during input voltage’s variation.
3
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND
to set the output voltage. Place the resistor divider as close to FB pin as possible.
Avoid using vias on the FB traces.
4
SS
Soft-Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
5
AGND
Analog Ground. The control circuit reference.
6
PG
Power-Good. The output is an open drain signal. Requires a pull-up resistor to a DC
voltage to indicate HIGH if the output voltage exceeds 91% of the nominal voltage.
There is a delay from FB ≥ 91% to when PG goes high.
7
VCC
Internal 4.8V LDO Output. Powers the driver and control circuits. 5V external bias
can disable the internal LDO. Decouple with a
≥1µF ceramic capacitor as close to the
pin as possible. For best results, use X7R or X5R dielectric ceramic capacitors for
their stable temperature characteristics.
8
BST
Bootstrap. Require a capacitor connected between SW and BST pins to form a
floating supply across the high-side switch driver.
15-18,
25-29
SW
Switch Output. Connect to the inductor and bootstrap capacitor. The high-side switch
drives these pins up to VIN during the PWM duty cycle’s ON time. The inductor
current drives the SW pin negative during the OFF-time. The low-
side switch’s ON-
resistance and the internal Schottky diode holds the negative voltage. Connect all
SW pins using wide PCB traces.
10-14, 19-23
PGND
System Ground. Reference ground of the regulated output voltage. PCB layout
requires extra care. Connect using wide PCB traces.
9, 24
IN
Supply Voltage. Supplies power to the internal MOSFET and regulator. The
MPQ8632GVE operate from a 4.5V-to-18V input rail. If 5V external bias is tied to
VCC pin, the input voltage can be low as 2.5V. Requires an input decoupling
capacitor. Connect using wide PCB traces and multiple vias.


Similar Part No. - MPQ8632GLE-10

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632GLE-10 MPS-MPQ8632GLE-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GLE-10 MPS-MPQ8632GLE-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GLE-10 MPS-MPQ8632GLE-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GLE-10 MPS-MPQ8632GLE-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GLE-10 MPS-MPQ8632GLE-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
More results

Similar Description - MPQ8632GLE-10

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-4 MPS-MPQ8632-4 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-6 MPS-MPQ8632-6 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-8 MPS-MPQ8632-8 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
   High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com