Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ8632GVE-20 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ8632GVE-20
Description  High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632GVE-20 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ8632GVE-20 Datasheet HTML 1Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 2Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 3Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 4Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 5Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 6Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 7Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 8Page - Monolithic Power Systems MPQ8632GVE-20 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
MPQ8632 HIGH EFFICIENCY 18V SYNCHRONOUS STEP-DOWN CONVERTER FAMILY FOR 4A TO 20A
MPQ8632 Rev.1.24
www.MonolithicPower.com
5
8/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TOP VIEW
1
EN
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
FREQ
FB
SS
AGND
PG
VCC
BST
PGND
PGND
PGND
PGND
SW
SW
SW
SW
TOP VIEW
1
EN
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
FREQ
FB
SS
AGND
PG
VCC
BST
PGND
PGND
PGND
PGND
SW
SW
SW
SW
Part Number*
Package
Part Number*
Package
MPQ8632GVE-15
QFN (5x4mm)
MPQ8632GVE-20
QFN (5x4mm)
Junction Temperature
Top Marking
Junction Temperature
Top Marking
–40
C to +125C
MP8632
E15
–40
C to +125C
MP8632
E20
* For Tape & Reel, add suffix –Z (eg. MPQ8632GVE-15–Z)
* For Tape & Reel, add suffix –Z (eg. MPQ8632GVE-20–Z)


Similar Part No. - MPQ8632GVE-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632GVE-20 MPS-MPQ8632GVE-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GVE-20 MPS-MPQ8632GVE-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GVE-20 MPS-MPQ8632GVE-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GVE-20 MPS-MPQ8632GVE-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632GVE-20 MPS-MPQ8632GVE-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
More results

Similar Description - MPQ8632GVE-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8632-4 MPS-MPQ8632-4 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-15 MPS-MPQ8632-15 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632 MPS-MPQ8632 Datasheet
1Mb / 47P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-10 MPS-MPQ8632-10 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-20 MPS-MPQ8632-20 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
MPQ8632-8 MPS-MPQ8632-8 Datasheet
1Mb / 46P
   High Efficiency 18V Synchronous Step-down Converter Family for 4A to 20A
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
   4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
   High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com