Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ8616GL-6 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ8616GL-6
Description  High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8616GL-6 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ8616GL-6 Datasheet HTML 1Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 2Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 3Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 4Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 5Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 6Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 7Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 8Page - Monolithic Power Systems MPQ8616GL-6 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MPQ8616
High Efficiency, 6A/12A, 6V
Synchronous Step-down Converter
MPQ8616 Rev. 1.01
www.MonolithicPower.com
1
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ8616 is fully integrated high frequency
synchronous rectified step-down switch mode
converter. It offers very compact solutions to
achieve 6A/12A output current from a 3V to 6V
input with excellent load and line regulation.
Constant-On-Time (COT) control mode provides
fast
transient
response
and
eases
loop
stabilization. The MPQ8616 can operate with a
low-cost electrolytic capacitor and can support
ceramic output capacitor with external slope
compensation.
Operating frequency is programmed by an
external resistor and is compensated for
variations in VIN. It is almost constant with all the
input voltage and output load conditions.
Under voltage lockout is internally set at 2.8 V,
but can be increased by programming the
threshold with a resistor network on the enable
pin. The output voltage startup ramp is controlled
by the soft start pin. A power good signal
indicates the output is within its nominal voltage
range.
Full fault protection including OCP, SCP, OVP
UVP
and
OTP
is
provided
by
internal
comparators.
The MPQ8616 requires a minimum number of
readily available standard external components and
are available in QFN3x4 packages.
FEATURES
• Wide 3V to 6V Operating Input Range
• 6A/12A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Adaptive
COT
for
Ultrafast
Transient
Response
• 1% Reference Voltage Over -20°C to +85°C
Junction Temperature Range
• Programmable Soft Start Time
• Pre-Bias Start up
• Programmable Switching Frequency from
300kHz to 1MHz.
• Minimum On Time TON_MIN=60ns
Minimum Off Time TOFF_MIN=100ns
• Non-latch OCP, non-latch OVP Protection
and Thermal Shutdown
• Output Adjustable from 0.61V to 4.5V
APPLICATIONS
Telecom System Base Stations
Networking Systems
Server
Personal Video Recorders
Flat Panel Television and Monitors
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MPQ8616
VIN
ON/OFF
C1
RFREQ
C5
C3
L1
R4
C4
R1
R2
C2
R3
PG
AGND
SS
VOUT
C6
VCC


Similar Part No. - MPQ8616GL-6

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616GL-6 MPS-MPQ8616GL-6 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616GL-6 MPS-MPQ8616GL-6 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616GL-6 MPS-MPQ8616GL-6 Datasheet
708Kb / 10P
   High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MPQ8616GL-6

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
   High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
   High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-20 MPS-MPQ8612-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
   High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com