Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ4561DQ-AEC1 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ4561DQ-AEC1
Description  1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4561DQ-AEC1 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ4561DQ-AEC1 Datasheet HTML 4Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 5Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 6Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 7Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 8Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 9Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 10Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 11Page - Monolithic Power Systems MPQ4561DQ-AEC1 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MPQ4561
– 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MPQ4561 Rev. 1.11
www.MonolithicPower.com
8
3/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT =3.3V, C1 = 10µF, C2 = 22µF, L1 = 10µH and TA = +25°C, unless otherwise noted.


Similar Part No. - MPQ4561DQ-AEC1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4561DQ-AEC1 MPS-MPQ4561DQ-AEC1 Datasheet
1,010Kb / 20P
   1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
More results

Similar Description - MPQ4561DQ-AEC1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
   1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4559 MPS-MPQ4559 Datasheet
1,016Kb / 19P
   Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
EVQ4559DN-00A MPS-EVQ4559DN-00A Datasheet
258Kb / 6P
   1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
MPQ4560 MPS-MPQ4560 Datasheet
1Mb / 21P
   Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4559-AEC1 MPS-MPQ4559-AEC1 Datasheet
911Kb / 19P
   Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
   1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
   1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
   1.5A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
   1.5A, 2MHz, 55V Step-Down Converter
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
   1A, 2MHz, 55V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com