Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ6RBD1002V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ6RBD1002V
Description  Precision Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ6RBD1002V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ6RBD1002V Datasheet HTML 1Page - Panasonic Semiconductor ERJ6RBD1002V Datasheet HTML 2Page - Panasonic Semiconductor ERJ6RBD1002V Datasheet HTML 3Page - Panasonic Semiconductor ERJ6RBD1002V Datasheet HTML 4Page - Panasonic Semiconductor ERJ6RBD1002V Datasheet HTML 5Page - Panasonic Semiconductor ERJ6RBD1002V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Precision Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
R
2
J
3
3
4
R
5
B
6
D
7
1
8
0
9
0
10
V
11
2
12
Product Code
Thick Film
Chip Resistors
Size, Power Rating
Type: inches
1R : 0201
2R : 0402
3R : 0603
6R : 0805
Power R.
0.05 W
0.063 W
0.063 W
0.1 W
T.C.R. Marking
T.C.R.
Code
H
B
K
E
±50 10–6/˚C(ppm/˚C)
(1R, 2R)
±50 10–6/˚C(ppm/˚C)
(3R, 6R)
±100 10–6/˚C(ppm/˚C)
(1R, 2R)
±100 10–6/˚C(ppm/˚C)
(3R, 6R)
Resistance Value
Resistance Tolerance
Code
D
Tolerance
±0.5 %
Packaging Methods
Code
C
X
V
Pressed Carrier Taping
2mm pitch
Punched Carrier Taping
2mm pitch
Punched Carrier Taping
4mm pitch
ERJ1R
ERJ2R
ERJ3R
ERJ6R
Packaging
Type
The first three digits are significant figures of resistance
and the last one denotes number of zeros following.
Example: 1002
10 k
Precision Thick Film Chip Resistors
ERJ G : 01005, 0201
ERJ R : 0201, 0402, 0603, 0805
ERJ E : 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ XG, 1G
ERJ 1R, 2R, 3R, 6R
ERJ 3E, 6E, 8E, 14, 12, 1T
Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three
layers of electrodes
● Compatible with placement machines
Taping packaging available
● Suitable for both reflow and flow soldering
Explanation of Part Numbers
● Low Resistance Tolerance
ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series.....±1 %
ERJ1R, 2R, 3R, 6R Series .............................. ±0.5 %
● Reference Standards
IEC 60115-8, JIS C 5201-8
● ERJ1R, 2R, 3R, 6R Series, ±0.5 % type
✽ For existing customers, we continue to use the three-digit resistance code in the part numbers.
Mar. 2008


Similar Part No. - ERJ6RBD1002V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ6RBD1002V PANASONIC-ERJ6RBD1002V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002V PANASONIC-ERJ6RBD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002V PANASONIC-ERJ6RBD1002V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ6RBD1002V PANASONIC-ERJ6RBD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ6RBD1002V PANASONIC-ERJ6RBD1002V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ6RBD1002V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com