Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPL2010-102MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # EPL2010-102MLC
Description  Shielded Power Inductors ??EPL2010
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL2010-102MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  EPL2010-102MLC Datasheet HTML 1Page - Coilcraft lnc. EPL2010-102MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors – EPL2010 Series
Document 584-2
Typical L vs Current
Typical L vs Frequency
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
10 µH
1.0 µH
0.27 µH
3.3 µH
0.1
1
10
100
0.01
0.1
10
1
Current (A)
10 µH
0.27 µH
1.0 µH
3.3 µH
Current Derating
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Dimensions are in
inches
mm
Part Marking (Parts manufactured prior to Oct.20, 2009 may not be marked.)
Part number
Value
1st digit
2nd digit
Multiplier
EPL2010-181
0.18 µH
Brown
Gray
Brown
EPL2010-271
0.27 µH
Red
Violet
Brown
EPL2010-421
0.42 µH
Yellow
Red
Brown
EPL2010-681
0.68 µH
Blue
Gray
Brown
EPL2010-821
0.82 µH
Gray
Red
Brown
EPL2010-102
1.0 µH
Brown
Black
Red
EPL2010-152
1.5 µH
Brown
Green
Red
EPL2010-222
2.2 µH
Red
Red
Red
EPL2010-332
3.3 µH
Orange
Orange
Red
EPL2010-472
4.7 µH
Yellow
Violet
Red
EPL2010-682
6.8 µH
Blue
Gray
Red
EPL2010-822
8.2 µH
Gray
Red
Red
EPL2010-103
10 µH
Brown
Black
Orange
EPL2010-123
12 µH
Brown
Red
Orange
Note: All marked parts have three dots.Black dot, used only on -102 and -103 as
the second significant digit, may be very difficult to see.
Small surface blemishes are not unusual and do not adversely affect performance.
Wire may be visible inside the voids.
Acceptable void sizes:
Top:0.01in/0,254mm×0.01in/0,254mm
Sides:0.02in/0,5mm×0.047in/1,2mm
0.041
1,05
max
0.079 ±0.008
2,0 ±0,2
0.079 ±0.008
2,0 ±0,2
Part Marking
1st
digit
significant
2nd
significant
digit
Multiplier
Start
Finish
Recommended
Land Pattern
0.057
1,45
0.087
2,2
0.041
1,04
0.069
1,75
0.014
0,35
0.030
0,75
min
max
max
Document 584-2 Revised 12/28/11


Similar Part No. - EPL2010-102MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
198Kb / 2P
   SMT Power Inductors
EPL2010-102ML COILCRAFT-EPL2010-102ML Datasheet
164Kb / 2P
   Shielded Power Inductors
EPL2010-102ML_ COILCRAFT-EPL2010-102ML_ Datasheet
371Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL2010-102MLC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com