Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELXZ6R3ELL472MK30S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ELXZ6R3ELL472MK30S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELXZ6R3ELL472MK30S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ELXZ6R3ELL472MK30S Datasheet HTML 1Page - List of Unclassifed Manufacturers ELXZ6R3ELL472MK30S Datasheet HTML 2Page - List of Unclassifed Manufacturers ELXZ6R3ELL472MK30S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, Downsized, 105C
CAT. No. E1001K
@Adoption of innovative electrolyte and new technologies
@Very low impedance at high frequency
@Endurance with ripple current: 2,000 to 8,000 hours at 105C
@Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Endurance
Shelf Life
Items
-55 to +105C
6.3 to 63Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
F5 & 6.3 : 2,000hours F8 : 3,000hours F10 : 5,000hours F12.5 : 7,000hours F16 & 18 : 8,000hours
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
63V
0.08
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
L'
15min.
4min.
Vent
(Except F5 & F6.3)
Sleeve (PET : Dark blue)
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
Lower Z
Downsized
LXZ
Lower Z
LXY
LXV
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 150MF:151, 2,200MF:222)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 25V:250, 50V:500)
Series code
Category
E L X Z A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide (radial lead type)"
(1/3)


Similar Part No. - ELXZ6R3ELL472MK30S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ6R3ESS102MH15D CHEMI-CON-ELXZ6R3ESS102MH15D Datasheet
61Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXZ6R3ESS102MH15D CHEMI-CON-ELXZ6R3ESS102MH15D Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ6R3ESS102MH15D CHEMI-CON-ELXZ6R3ESS102MH15D Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
logo
List of Unclassifed Man...
ELXZ6R3ESS102MH15D ETC2-ELXZ6R3ESS102MH15D Datasheet
68Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ELXZ6R3ESS103ML35S CHEMI-CON-ELXZ6R3ESS103ML35S Datasheet
61Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXZ6R3ELL472MK30S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com