Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIA-CC0603 Datasheet(PDF) 4 Page - TDK Electronics

Part # EIA-CC0603
Description  Multilayer Ceramic Chip Capacitors General use(Mid voltage)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

EIA-CC0603 Datasheet(HTML) 4 Page - TDK Electronics

  EIA-CC0603 Datasheet HTML 1Page - TDK Electronics EIA-CC0603 Datasheet HTML 2Page - TDK Electronics EIA-CC0603 Datasheet HTML 3Page - TDK Electronics EIA-CC0603 Datasheet HTML 4Page - TDK Electronics EIA-CC0603 Datasheet HTML 5Page - TDK Electronics EIA-CC0603 Datasheet HTML 6Page - TDK Electronics EIA-CC0603 Datasheet HTML 7Page - TDK Electronics EIA-CC0603 Datasheet HTML 8Page - TDK Electronics EIA-CC0603 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(3/17)
002-01 / 20110816 / e413_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Dimensions T
Expressed by a three-digit number in mm units.
The second and third digits denote the first and second decimal
places, respectively.
(8) Packaging style
(9) TDK internal code
C 2012 X7R 2A 473
K ( 125 A
A )
(1)
(2)
(3)
(4)
(5)
(6)
(7) (8) (9)
1005
1.0
×0.5mm
1608
1.6
×0.8mm
2012
2.0
×1.25mm
3216
3.2
×1.6mm
3225
3.2
×2.5mm
4520
4.5
×2.0mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
C0G
0±30ppm/°C
–55 to +125°C
CH
0±60ppm/°C
–25 to +85°C
Temperature
characteristics
Capacitance change
Temperature range
X5R
±15%
–55 to +85°C
X6S
±22%
–55 to +105°C
X7R
±15%
–55 to +125°C
X7S
±22%
–55 to +125°C
X7T
+22, –33%
–55 to +125°C
JB
±10%
–25 to +85°C
2A
100V
2E
250V
2W
450V
2J
630V
471
470pF
102
1,000pF
333
33,000pF
474
470,000pF
225
2,200,000pF (2.2µF)
Symbol
Tolerance
Applicable capacitance
range
J±5%
Over 10pF
K±10%
M±20%
050
0.50mm
085
0.85mm
125
1.25mm
A
ø178mm reel with 4mm-pitch
B
ø178mm reel with 2mm-pitch
C
ø178mm reel with 1mm-pitch
D
ø330mm reel with 4mm-pitch
E
ø330mm reel with 2mm-pitch
F
ø330mm reel with 1mm-pitch
H
Bulk(bag)
J
ø330mm reel with 8mm-pitch
K
ø178mm reel with 8mm-pitch
In brochures issued in August, 2011 and later, the product thickness and packing specifications are described at the end of the ordering name [the
product name described in brochures] in parentheses.
Since the existing ordering name could not clearly express the product thickness and packing specifications, it has been changed to a new product
description method that solves this inconvenience.
Please be aware that the last five digits of the ordering name on the delivery label and those in the brochure differ.
No changes have been made to the delivery name.
(Example)
Brochure issued date
Ordering name (description in the brochure)
Delivery name (description on the delivery label)
Prior to July, 2011
C1608X5R1C105K
C1608X5R1C105KT000N
August, 2011 or later
C1608X5R1C105K(080AA)
C1608X5R1C105KT000N


Similar Part No. - EIA-CC0603

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EIA-CC0603 TDK-EIA-CC0603 Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
EIA-CC0603 TDK-EIA-CC0603 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - EIA-CC0603

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com