Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376391-4 Datasheet(PDF) 81 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 81 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 77Page - Tyco Electronics 3-1376391-4 Datasheet HTML 78Page - Tyco Electronics 3-1376391-4 Datasheet HTML 79Page - Tyco Electronics 3-1376391-4 Datasheet HTML 80Page - Tyco Electronics 3-1376391-4 Datasheet HTML 81Page - Tyco Electronics 3-1376391-4 Datasheet HTML 82Page - Tyco Electronics 3-1376391-4 Datasheet HTML 83Page - Tyco Electronics 3-1376391-4 Datasheet HTML 84Page - Tyco Electronics 3-1376391-4 Datasheet HTML 85Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
215
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Feature Comparisons (Continued)
AMP
Soft Shell
Pin and Socket Connectors
5.0 mm
.093
Commercial
.140
Universal
Universal
.156
Standard Density
Power Key
Commercial
MATE-N-LOK
MATE-N-LOK
MATE-N-LOK
MATE-N-LOK II
MATE-N-LOK
Connectors (PKC)
Pin & Socket
Wire AWG—
Maximum
16
14
14
10
10
10
10
Minimum
24
24
30
20
30
30
20
Current Rating —
10 AWG Wire
28
32.5
14 AWG Wire
19
13
15
19
16 AWG Wire
10
——
18 AWG Wire
——
20 AWG Wire
——
Max. Operating Voltage (AC or DC)
300
250
250
600
600
600
600
Flammability Rating —
UL 94V-0
Yes
No
Yes
No
Yes
Yes
No
UL 94V-2
No
Yes
Yes
Yes
Yes
No
Yes
Approvals —
UL
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CSA
Yes
Yes
Yes
Yes
Yes
Yes
No
VDE
No
No
No
No
Yes
Yes
No
Contact Material —
Brass
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Phos. Bronze
No
Yes
Yes
Yes
Yes
Yes
No
Plating Finish —
Tin Plating
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gold Plating
No
Yes
Yes
No
Yes
Yes
No
.198 [5.03]
.200 [5.08]
Centerline Spacing —
.197 [5.00]
.250 [6.35]
.240 [6.10] x .202 [5.13] .240 [6.10]
.250 [6.35]
.250 [6.35]
.390 [9.91]
.248 [6.30]
.195 [4.95] x .360 [9.14]
Housings —
Panel Mount
No
Yes
Yes
Yes
Yes
Yes
Yes
Free-Hanging
No
Yes
Yes
Yes
Yes
Yes
Yes
Secondary Locking Latches
Yes
No
No
Yes
No
Yes
Yes
Contact Position Control
No
No
No
No
No
Yes
No
In-Line Config.
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Dual Row Config.
Yes
No
Yes
No
No
No
No
Matrix Config.
No
Yes
Yes
Yes
Yes
Yes
No
Accessories —
Strain Relief
Yes
No
No
No
Yes
Universal
No
MATE-N-LOK
Keying Plug
No
No
Yes
No
Yes
Yes
No
Seals
No
No
No
No
Yes
No
No
Headers —
Vertical
Yes
No
Yes
No
Yes
Universal
No
MATE-N-LOK
Blindmate
No
No
No
No
No
No
No
Right-Angle
No
No
Yes
No
Yes
Universal
No
MATE-N-LOK
Positions —
Minimum
21
1
2
1
2
3
Maximum
6
15
16
9
15
15
4
* Wire-to-Wire Only.
** 5 A on 20 AWG*


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com