Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527RT230-0202 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C527RT230-0202
Description  RazerThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527RT230-0202 Datasheet(HTML) 1 Page - Marktech Corporate

  C527RT230-0202 Datasheet HTML 1Page - Marktech Corporate C527RT230-0202 Datasheet HTML 2Page - Marktech Corporate C527RT230-0202 Datasheet HTML 3Page - Marktech Corporate C527RT230-0202 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Subject to change without notice.
www.cree.com
FEATURES
Small Chip - 200 x 200 x 85 μm
Low Forward Voltage
3.1 V Typical at 20 mA - Blue & Traffic Green
3.2 V Typical at 20 mA Green
RT230™ LED Performance
2.0 mW min. Blue
1.5 mW min. Green
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
Mobile Phone Key Pads
Blue LEDs
White LEDs
Audio Product Display Lighting
Mobile Appliance Keypads
Automobile Dashboard Lighting
RazerThin® LEDs
CxxxRT230-S0200
Cree’s RazerThin LEDs combine highly efficient InGaN materials with Cree’s proprietary G•SiC® substrate to deliver
superior price/performance for blue and green LEDs. These vertically structured LED chips are small in size and
require a low forward voltage. Cree’s RT series chips are tested for conformity to optical and electrical specifications
and the ability to withstand 1000 V ESD. Applications include keypad backlighting where sub-miniaturization and
thinner form factors are required.
CxxxRT230-S0200 Chip Diagram
Top View
Bottom View
G•SiC® LED Chip
200 x 200 μm
SiC Substrate
h = 85 μm
Backside
Metallization
80 x 80 μm
Gold Bond Pad
105 μm Diameter
Side View
Cathode (-)
Anode (+)
Mesa (junction)
176 x 176 μm
InGaN


Similar Part No. - C527RT230-0202

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C527RT230-0101 MARKTECH-C527RT230-0101 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0102 MARKTECH-C527RT230-0102 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0103 MARKTECH-C527RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0104 MARKTECH-C527RT230-0104 Datasheet
257Kb / 4P
   RazerThin LEDs
C527RT230-0105 MARKTECH-C527RT230-0105 Datasheet
257Kb / 4P
   RazerThin LEDs
More results

Similar Description - C527RT230-0202

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
C460RT230-0103 MARKTECH-C460RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0205 MARKTECH-C460RT290-0205 Datasheet
229Kb / 4P
   RazerThin LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0105 MARKTECH-C460RT290-0105 Datasheet
229Kb / 4P
   RazerThin LEDs
C460RT200-0309 MARKTECH-C460RT200-0309 Datasheet
376Kb / 6P
   RazerThin Gen III LEDs
C460RT260-0313 MARKTECH-C460RT260-0313 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com