Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC77-3.3MOA Datasheet(PDF) 9 Page - Microchip Technology

Part # TC77-3.3MOA
Description  Thermal Sensor with SPI Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77-3.3MOA Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC77-3.3MOA Datasheet HTML 5Page - Microchip Technology TC77-3.3MOA Datasheet HTML 6Page - Microchip Technology TC77-3.3MOA Datasheet HTML 7Page - Microchip Technology TC77-3.3MOA Datasheet HTML 8Page - Microchip Technology TC77-3.3MOA Datasheet HTML 9Page - Microchip Technology TC77-3.3MOA Datasheet HTML 10Page - Microchip Technology TC77-3.3MOA Datasheet HTML 11Page - Microchip Technology TC77-3.3MOA Datasheet HTML 12Page - Microchip Technology TC77-3.3MOA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page 9
TC77
3.1
Temperature Data Format
A 13-bit two’s complement digital word is used to rep-
resent the temperature. The Least Significant Bit (LSb)
is equal to 0.0625°C. Note that the last two LSb bits (Bit
0 and 1) are tri-stated and are represented as a logic ‘1’
in the table. Bit 2 is set to logic ‘1’ after the completion
of the first temperature conversion following a power-
up or voltage reset event.
TABLE 3-1:
TC77 OUTPUT
An over-temperature condition can be determined by
reading only the first few Most Significant Bits (MSb) of
the temperature data. For example, the microproces-
sor could read only the first four bits of the Temperature
register in order to determine that an over-temperature
condition exists.
3.2
Power-Up And Power-Down
The TC77 is in the Continuous Temperature Conver-
sion mode at power-up. The first valid temperature con-
version will be available approximately 300 ms (refer to
“Temperature to Bits Converter” section listed in the DC
characteristics table) after power-up. Bit 2 of the Tem-
perature register is set to a logic ‘1’ after the completion
of the first temperature conversion following a power-
up or voltage reset event. Bit 2 is set to logic ‘0’ during
the time needed to complete the first temperature con-
version. Thus, the status of bit 2 can be monitored to
indicate the completion of the first temperature conver-
sion.
A supply voltage lower than 1.6V (typ.) is considered a
power-down state for the TC77. The device will reset
itself and continue its normal Continuous Conversion
mode of operation when the supply voltage rises above
the nominal 1.6V. A minimal supply voltage of 2.7V is
required in order to ensure proper operation of the
device.
3.3
Serial Bus Interface
The serial interface consists of the Chip Select (CS),
Serial Clock (SCK) and Serial Data (SI/O) signals. The
TC77 meets the SPI and MICROWIRE bus specifica-
tions, with the serial interface designed to be compati-
ble
with
the
Microchip
PICmicro®
family
of
microcontrollers.
The CS input is used to select the TC77 when multiple
devices are connected to the serial clock and data
lines. The CS line is also used to synchronize the data,
which is written to, or read from, the device when CS is
equal to a logic ‘0’ voltage. The SCK input is disabled
when CS is a logic ‘1’. The falling edge of the CS line
initiates communication, while the rising edge of CS
completes the communication.
The SCK input is provided by the external microcontrol-
ler and is used to synchronize the data on the SI/O line.
The Temperature and Manufacturer ID registers are
read only while the Configuration register is a read/
write register.
Figure 3-2 provides a timing diagram of a read opera-
tion of the Temperature register. Communication with
the TC77 is initiated when the CS goes to a logic ‘0’.
The Serial I/O signal (SI/O) then transmits the first bit of
data. The microcontroller serial I/O bus master clocks
the data in on the rising edge of SCK. The falling edge
of SCK is then used to clock out the rest of the data.
After 14 bits of data (thirteen temperature bits and Bit 2)
have been transmitted, the SI/O line is then tri-stated.
Note that CS can be taken to a logic ‘1’ at any time dur-
ing the data transmission if only a portion of the temper-
ature data information is required. The TC77 will
complete the conversion, and the output shift register
will be updated, if CS goes to the inactive state while in
the middle of a conversion.
Figure 3-3 provides a timing diagram of a multi-byte
communication operation consisting of a read of the
Temperature Data register, followed by a write to the
Configuration register. The first 16 SCK pulses are
used to transmit the TC77's temperature data to the
microcontroller. The second group of 16 SCK pulses
are used to receive the microcontroller command to
place the TC77 either in Shutdown or Continuous Tem-
perature Conversion mode. Note that the TC77 is in the
Continuous Temperature Conversion mode at power-
up.
The data written to the TC77’s Configuration register
should be either all 0’s or all 1’s, corresponding to
either the Continuous Temperature Conversion or
Shutdown mode, respectively. The TC77 is in Shut-
down mode when Bits C0 to C7 are all equal to 1’s. The
TC77 will be in the Continuous Conversion mode if a ‘0’
in any bit location from C0 to C7 is written to the
Configuration register.
Temperature
Binary
MSB / LSB
Hex
+125°C
0011 1110 1000 0111
3E 87h
+25°C
0000 1100 1000 0111
0B 87h
+0.0625°C
0000 0000 0000 1111
00 0Fh
0°C
0000 0000 0000 0111
00 07h
-0.0625°C
1111 1111 1111 1111
FF FFh
-25°C
1111 0011 1000 0111
F3 87h
-55°C
1110 0100 1000 0111
E4 87h


Similar Part No. - TC77-3.3MOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77-3.3MOA MICROCHIP-TC77-3.3MOA Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
More results

Similar Description - TC77-3.3MOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com