Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX775F512L Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC32MX775F512L
Description  High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX775F512L Datasheet(HTML) 3 Page - Microchip Technology

  PIC32MX775F512L Datasheet HTML 1Page - Microchip Technology PIC32MX775F512L Datasheet HTML 2Page - Microchip Technology PIC32MX775F512L Datasheet HTML 3Page - Microchip Technology PIC32MX775F512L Datasheet HTML 4Page - Microchip Technology PIC32MX775F512L Datasheet HTML 5Page - Microchip Technology PIC32MX775F512L Datasheet HTML 6Page - Microchip Technology PIC32MX775F512L Datasheet HTML 7Page - Microchip Technology PIC32MX775F512L Datasheet HTML 8Page - Microchip Technology PIC32MX775F512L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS61156C-page 3
PIC32MX5XX/6XX/7XX
High-Performance 32-Bit RISC CPU:
•MIPS32® M4K™ 32-bit core with 5-stage pipeline
• 80 MHz maximum frequency
• 1.56 DMIPS/MHz (Dhrystone 2.1) performance
at zero Wait state Flash access
• Single-cycle multiply and high-performance divide
unit
• MIPS16e™ mode for up to 40% smaller code size
• Two sets of 32 core register files (32-bit) to reduce
interrupt latency
• Prefetch Cache module to speed execution from
Flash
Microcontroller Features:
• Operating voltage range of 2.3V to 3.6V
• 256K to 512K Flash memory (plus an additional
12 KB of Boot Flash)
• 64K to 128K SRAM memory
• Pin-compatible with most PIC24/dsPIC® devices
• Multiple power management modes
• Multiple interrupt vectors with individually
programmable priority
• Fail-Safe Clock Monitor mode
• Configurable Watchdog Timer with on-chip
Low-Power RC oscillator for reliable operation
Peripheral Features:
• Atomic Set, Clear and Invert operation on select
peripheral registers
• 8-channel hardware DMA with automatic data
size detection
• USB 2.0-compliant full-speed device and
On-The-Go (OTG) controller:
- Dedicated DMA channels
• 10/100 Mbps Ethernet MAC with MII and RMII
interface:
- Dedicated DMA channels
•CAN module:
- 2.0B Active with DeviceNet™ addressing
support
- Dedicated DMA channels
• 3 MHz to 25 MHz crystal oscillator
Peripheral Features (Continued):
• Internal 8 MHz and 32 kHz oscillators
• Six UART modules with:
- RS-232, RS-485 and LIN 1.2 support
-IrDA® with on-chip hardware encoder and
decoder
• Up to four SPI modules
• Up to five I2C™ modules
• Separate PLLs for CPU and USB clocks
• Parallel Master and Slave Port (PMP/PSP) with
8-bit and 16-bit data, and up to 16 address lines
• Hardware Real-Time Clock/Calendar (RTCC)
• Five 16-bit Timers/Counters (two 16-bit pairs
combine to create two 32-bit timers)
• Five Capture inputs
• Five Compare/PWM outputs
• Five external interrupt pins
• High-speed I/O pins capable of toggling at up to
80 MHz
• High-current sink/source (18 mA/18 mA) on
all I/O pins
• Configurable open-drain output on digital I/O pins
Debug Features:
• Two programming and debugging Interfaces:
- 2-wire interface with unintrusive access and
real-time data exchange with application
-4-wire MIPS® standard enhanced JTAG
interface
• Unintrusive hardware-based instruction trace
• IEEE Standard 1149.2 compatible (JTAG)
boundary scan
Analog Features:
• Up to 16-channel, 10-bit Analog-to-Digital
Converter:
- 1 Msps conversion rate
- Conversion available during Sleep and Idle
• Two Analog Comparators
• 5V tolerant input pins (digital pins only)
High-Performance, USB, CAN and Ethernet
32-Bit Flash Microcontrollers


Similar Part No. - PIC32MX775F512L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX775F512L MICROCHIP-PIC32MX775F512L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX775F512L MICROCHIP-PIC32MX775F512L Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX775F512L MICROCHIP-PIC32MX775F512L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX775F512L-80I/BG MICROCHIP-PIC32MX775F512L-80I/BG Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX775F512L-80I/PF MICROCHIP-PIC32MX775F512L-80I/PF Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
More results

Similar Description - PIC32MX775F512L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX460F512L-80I MICROCHIP-PIC32MX460F512L-80I Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX3XX MICROCHIP-PIC32MX3XX_1 Datasheet
4Mb / 208P
   High-Performance, General Purpose and USB 32-bit Flash Microcontrollers
2010
PIC32MX320F032H MICROCHIP-PIC32MX320F032H_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX575F256L-80I MICROCHIP-PIC32MX575F256L-80I Datasheet
98Kb / 3P
   PIC32MX575FXXXX USB, CAN and Ethernet 32-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com