Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC77-50MOATR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC77-50MOATR
Description  Thermal Sensor with SPI Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77-50MOATR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC77-50MOATR Datasheet HTML 6Page - Microchip Technology TC77-50MOATR Datasheet HTML 7Page - Microchip Technology TC77-50MOATR Datasheet HTML 8Page - Microchip Technology TC77-50MOATR Datasheet HTML 9Page - Microchip Technology TC77-50MOATR Datasheet HTML 10Page - Microchip Technology TC77-50MOATR Datasheet HTML 11Page - Microchip Technology TC77-50MOATR Datasheet HTML 12Page - Microchip Technology TC77-50MOATR Datasheet HTML 13Page - Microchip Technology TC77-50MOATR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC77
DS20092A-page 10
 2002 Microchip Technology Inc.
FIGURE 3-2:
Temperature Read Timing Diagram - (Reading only the first 13 Bits of the
Temperature Register).
FIGURE 3-3:
Temperature Read Followed By A Write To The Configuration Register Timing.
Diagram.
It is recommended that the user write all ‘0’s or all ‘1’s
to the Configuration register. While the following codes
can be transmitted to the TC77, any other code may
put the TC77 into a test mode reserved by Microchip for
calibration and production verification tests.
•00 hex
•01 hex
•03 hex
•07 hex
• 0F hex
• 1F hex
• 3F hex
• 7F hex
• FF hex
The following communication steps can be used to
obtain the Manufacturer's ID and put the device into the
Continuous Conversion mode. The Manufacturer’s ID
register is only accessible for a read operation, if the
TC77 is in Shutdown mode.
1.
CS goes low to initiate the communication cycle.
2.
Read 16 bits of temperature data from the
Temperature register.
3.
Write 16 bits of data (i.e. XXFF hex) to the Con-
figuration register to enter Shutdown mode.
4.
Read the 16 bits from the Manufacturer's ID reg-
ister (C15:C8 = 54 hex) to verify that the sensor
is a Microchip device.
5.
Write 8 to 16 bits of data (00 or 0000 hex) to
enter Continuous Conversion Mode.
6.
Return CS high to terminate the communication
cycle.
The time between a complete temperature conversion
and data transmission is approximately 300 msec.
CS
CLK
SI/O
tCS-SCK
HI-Z
HI-Z
TT
T
12
11
10
T
9
T
7
T
6
T
5
T
4
T
3
T
2
T
1
T
0
18
13
T
8
CS
CLK
SI/O
tCS-SCK
HI-Z
18
8
8
8
1
HI-Z
11
HI-Z
TEMPERATURE REGISTER
Notes:
1.
Bit 2 = 0 during power-up for the first
temperature conversion.
2.
Bit 2 =1 after the completion of the first tem-
perature conversion following power-up or a
reset event.
3.
Bits 1 and 0 are “DON”T CARES”.
CONFIGURATION REGISTER
Notes:
1.
XX00 = Continuous Conversion Mode
2.
XXFF = Shutdown Mode
T
12
T
11
T
10
T
9
T
8
T
7
T
6
T
5
T
4
T
3
T
2
T
1
T
0
BIT
2
C
15
C
14
C
13
C
12
C
11
C
10
C
9
C
8
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0


Similar Part No. - TC77-50MOATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77-5.0MCTTR MICROCHIP-TC77-5.0MCTTR Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
TC77-5.0MOA MICROCHIP-TC77-5.0MOA Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
More results

Similar Description - TC77-50MOATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com